Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM6339AARJZ-RL7 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADM6339AARJZ-RL7
Descripción Electrónicos  Quad Voltage Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM6339AARJZ-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM6339AARJZ-RL7 Datasheet HTML 3Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 4Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 5Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 6Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 7Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 8Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 9Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 10Page - Analog Devices ADM6339AARJZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADM6339
Rev. A | Page 7 of 12
C3
C2
C2
DC1M
2.00V/div
–6.000V offset
BwL
C3
DC1M
1.00V/div
2.040V offset
BwL
Timebase
0.0µs
10.0 µs/div
2.0 GS/s
200kS
Trigger
0.0µs
–520mV
STOP
NEGATIVE
EDGE
RESET
INx
Figure 9. RESET Pull-Up and Pull-Down Response (10 μs/Div)
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
0.610
0.615
0.620
0.625
0.630
Figure 10. 0.62 V Input Voltage Trip Threshold vs. Temperature
C3
C2
C2
DC1M
2.00V/div
–6.000V offset
BwL
C3
2.00V/div
2.000V offset
BwL
50.0 ms/div
1.0 MS/s
500kS
Trigger
DC
680mV
Normal
Positive
Edge
DC1M
–101ms
C3
Timebase
INx
RESET
Figure 11. RESET Timeout Delay (50 ms/Div)
–0.510
–0.505
–0.500
–0.495
–0.490
–40
–20
0
204060
80
TEMPERATURE (°C)
Figure 12. −0.5 V Input Voltage Trip Threshold vs. Temperature


Número de pieza similar - ADM6339AARJZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
More results

Descripción similar - ADM6339AARJZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
   Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com