Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2817ACPZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADN2817ACPZ
Descripción Electrónicos  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2817ACPZ Datasheet(HTML) 5 Page - Analog Devices

  ADN2817ACPZ Datasheet HTML 1Page - Analog Devices ADN2817ACPZ Datasheet HTML 2Page - Analog Devices ADN2817ACPZ Datasheet HTML 3Page - Analog Devices ADN2817ACPZ Datasheet HTML 4Page - Analog Devices ADN2817ACPZ Datasheet HTML 5Page - Analog Devices ADN2817ACPZ Datasheet HTML 6Page - Analog Devices ADN2817ACPZ Datasheet HTML 7Page - Analog Devices ADN2817ACPZ Datasheet HTML 8Page - Analog Devices ADN2817ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet
ADN2817/ADN2818
Rev. E | Page 5 of 40
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Voltage
3.0
3.3
3.6
V
Current
ADN2817
210
247
mA
ADN2818
180
217
mA
OPERATING TEMPERATURE RANGE
−40
+85
°C
1
PIN and NIN should be differentially driven and ac-coupled for optimum sensitivity.
2
When ac-coupled, the LOS assert and deassert time is dominated by the RC time constant of the ac coupling capacitor and the 50 Ω input termination of the ADN2817
input stage.
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer Bandwidth
OC-48
548
839
kHz
OC-12
93
137
kHz
OC-3
30
40
kHz
Jitter Peaking
OC-48
0
0.03
dB
OC-12
0
0.03
dB
OC-3
0
0.03
dB
Jitter Generation
OC-48
12 kHz to 20 MHz
0.001
0.003
UI rms
0.02
0.046
UI p-p
OC-12
12 kHz to 5 MHz
0.001
0.004
UI rms
0.01
0.036
UI p-p
OC-3
12 kHz to 1.3 MHz
0.001
0.004
UI rms
0.01
0.023
UI p-p
Jitter Tolerance
223 − 1 PRBS
OC-48
600 Hz1
92.0
UI p-p
6 kHz1
20.0
UI p-p
100 kHz
7.0
UI p-p
1 MHz1
1.00
UI p-p
20 MHz
0.53
UI p-p
OC-12
30 Hz1
100.0
UI p-p
300 Hz1
44.0
UI p-p
25 kHz
7.35
UI p-p
250 kHz1
1.00
UI p-p
5 MHz
0.52
UI p-p
OC-3
30 Hz1
50.0
UI p-p
300 Hz1
23.5
UI p-p
6500 Hz
6.71
UI p-p
65 kHz1
1.00
UI p-p
130 kHz
0.54
UI p-p
1
Jitter tolerance of the ADN2817/ADN2818 at these jitter frequencies is better than what the test equipment is able to measure.


Número de pieza similar - ADN2817ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Descripción similar - ADN2817ACPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com