Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33903CS5EKR2 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33903CS5EKR2
Descripción Electrónicos  SBC Gen2 with CAN High Speed and LIN Interface
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CS5EKR2 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CS5EKR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SPLIT
Output voltage
Loaded condition ISPLIT = ±500 µA
Unloaded condition Rmeasure > 1.0 M
VSPLIT
0.3 x VDD
0.45 x
VDD
0.5 x VDD
0.5 x VDD
0.7 x VDD
0.55 x VDD
V
Leakage current
-12 V < VSPLIT < +12 V
-22 to -12 V < VSPLIT < +12 to +35 V
ILSPLIT
-
-
0.0
-
5.0
200
µA
LIN TERMINALS (LIN-T/1, LIN-T2)
LIN-T1, LIN-T2, HS switch drop @ I = -20 mA, VSUP > 10.5 V
VLT_HSDRP
-
1.0
1.4
V
LIN1 & LIN2 33903D/5D PIN - LIN 33903S/5S PIN (Parameters guaranteed for VSUP/1, VSUP2 7.0 V VSUP 18 V)
Operating Voltage Range
VBAT
8.0
-
18
V
Supply Voltage Range
VSUP
7.0
-
18
V
Current Limitation for Driver Dominant State
Driver ON, VBUS = 18 V
IBUS_LIM
40
90
200
mA
Input Leakage Current at the receiver
Driver off; VBUS = 0 V; VBAT = 12 V
IBUS_PAS_DOM
-1.0
-
-
mA
Leakage Output Current to GND
Driver Off; 8.0 V
V
BAT 18 V; 8.0 V VBUS 18 V; VBUS VBAT
IBUS_PAS_REC
-
-
20
µA
Control unit disconnected from ground (Loss of local ground must not affect
communication in the residual network)
GNDDEVICE = VSUP; VBAT = 12 V; 0 < VBUS < 18 V (Guaranteed by design)
IBUS_NO_GND
-1.0
-
1.0
mA
VBAT Disconnected; VSUP_DEVICE = GND; 0 < VBUS < 18 V (Node has to
sustain the current that can flow under this condition. Bus must remain
operational under this condition). (Guaranteed by design)
IBUSNO_BAT
-
-
100
µA
Receiver Dominant State
VBUSDOM
-
-
0.4
VSUP
Receiver Recessive State
VBUSREC
0.6
-
-
VSUP
Receiver Threshold Center
(VTH_DOM + VTH_REC)/2
VBUS_CNT
0.475
0.5
0.525
VSUP
Receiver Threshold Hysteresis
(VTH_REC - VTH_DOM)
VHYS
-
-
0.175
VSUP
LIN Wake-up threshold from LP VDD ON or LP VDD OFF mode
VBUSWU
-
5.3
5.8
V
LIN Pull-up Resistor to VSUP
RSLAVE
20
30
60
k
Over-temperature Shutdown (Guaranteed by design)
TLINSD
140
160
180
°C
Over-temperature Shutdown Hysteresis (Guaranteed by design)
TLINSD_HYS
-
10
-
°C
Table 6. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
 V
SUP  28 V, - 40 C  T
A  125 C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MCZ33903CS5EKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33903CS5EK-R2 FREESCALE-MCZ33903CS5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903CS5EK/R2 FREESCALE-MCZ33903CS5EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33903CS5EK/R2 NXP-MCZ33903CS5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

Descripción similar - MCZ33903CS5EKR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com