Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL16C554FNR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL16C554FNR
Descripción Electrónicos  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL16C554FNR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL16C554FNR Datasheet HTML 5Page - Texas Instruments TL16C554FNR Datasheet HTML 6Page - Texas Instruments TL16C554FNR Datasheet HTML 7Page - Texas Instruments TL16C554FNR Datasheet HTML 8Page - Texas Instruments TL16C554FNR Datasheet HTML 9Page - Texas Instruments TL16C554FNR Datasheet HTML 10Page - Texas Instruments TL16C554FNR Datasheet HTML 11Page - Texas Instruments TL16C554FNR Datasheet HTML 12Page - Texas Instruments TL16C554FNR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Clock
(XTAL1)
fclock = 16 MHz MAX
tw2
tw1
0.8 V
2 V
tw3
RESET
2 V
2 V
0.8 V
0.8 V
(a) CLOCK INPUT VOLTAGE WAVEFORM
(b) RESET VOLTAGE WAVEFORM
Figure 1. Clock Input and RESET Voltage Waveforms
82 pF
(see Note A)
680
2.54 V
Device Under Test
TL16C554
NOTE A: This includes scope and jig capacitance.
Figure 2. Output Load Circuit
9-Pin D Connector
Serial
Channel 1
Buffers
Serial
Channel 2
Buffers
Serial
Channel 3
Buffers
Serial
Channel 4
Buffers
9-Pin D Connector
9-Pin D Connector
9-Pin D Connector
Data Bus
Address Bus
Control Bus
Quadruple
ACE
TL16C554
Figure 3. Basic Test Configuration


Número de pieza similar - TL16C554FNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C554FN TI-TL16C554FN Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

Descripción similar - TL16C554FNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com