Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL16C552AMHV Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL16C552AMHV
Descripción Electrónicos  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AMHV Datasheet(HTML) 4 Page - Texas Instruments

  TL16C552AMHV Datasheet HTML 1Page - Texas Instruments TL16C552AMHV Datasheet HTML 2Page - Texas Instruments TL16C552AMHV Datasheet HTML 3Page - Texas Instruments TL16C552AMHV Datasheet HTML 4Page - Texas Instruments TL16C552AMHV Datasheet HTML 5Page - Texas Instruments TL16C552AMHV Datasheet HTML 6Page - Texas Instruments TL16C552AMHV Datasheet HTML 7Page - Texas Instruments TL16C552AMHV Datasheet HTML 8Page - Texas Instruments TL16C552AMHV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
FN
PN
ACK
68
10
I
Line printer acknowledge. ACK goes low to indicate a successful data transfer has taken place. ACK
generates a printer port interrupt during its positive transition.
AFD
56
75
I/O
Line printer autofeed. AFD is an open-drain line that provides the printer with an active-low signal when
continuous form paper is to be autofed to the printer. AFD has an internal pullup resistor to VDD of
approximately 10 k
Ω.
A0, A1, A2
35, 34,
33
51, 50,
49
I
Address. The address lines A0 – A2 select the internal registers during CPU bus operations. See Table
2 for the decode of the serial channels and Table 13 for the decode of the parallel printer port.
BDO
44
63
O
Bus buffer. BDO is the active-high output and is asserted when either the serial channel or the parallel
port is read. BDO controls the system bus driver (74LS245 or 54LS245).
BUSY
66
8
I
Line printer busy. BUSY is an input line from the printer that goes high when the printer is not ready
to accept data.
CLK
4
14
I
Clock. CLK is the external clock input to the baud rate divisor of each ACE.
CS0, CS1,
CS2
32, 3,
38
48, 13,
54
I
Chip select. Each CSx input acts as an enable for the write and read signals for serial channels 1 (CS0)
and 2 (CS1). CS2 enables the signals to the printer port.
CTS0,
CTS1
28, 13
44, 26
I
Clear to send. The logical state of each CTSx terminal is reflected in the CTS bit of the modem status
register (CTS is bit 4 of the modem status register, written as MSR4) of each ACE. A change of state
in either CTS terminal since the previous reading of the associated MSR causes the setting of
∆CTS
(MSR0) of each modem status register.
DB0 –
DB7
14 – 21
27 – 34
I/O
Data bits DB0 – DB7. The data bus provides eight I/O lines with 3-state outputs for the transfer of data,
control, and status information between the TL16C552A and the CPU. These lines are normally in the
high-impedance state except during read operations. DB0 is the least significant bit (LSB) and is the
first serial data bit to be received or transmitted.
DCD0,
DCD1
29, 8
45, 18
I
Data carrier detect. DCD is a modem input. Its condition can be tested by the CPU by reading MSR7
(DCD) of the modem status registers. MSR3 (
∆DCD) of the modem status register indicates whether
DCD has changed states since the previous reading of the MSR. DCD has no effect on the receiver.
DSR0,
DSR1
31, 5
47, 15
I
Data set ready. The logical state of the DSRx terminals is reflected in MSR5 of its associated modem
status register.
∆DSR (MSR1) indicates whether the associated DSRx terminal has changed states
since the previous reading of the MSR.
DTR0,
DTR1
25, 11
38, 24
O
Data terminal ready. Each DTRx can be set low by setting MCR0, modem control register bit 0 of its
associated ACE. DTRx is cleared (high) by clearing the DTR bit (MCR0) or whenever a reset occurs.
When active (low), DTRx indicates that its ACE is ready to receive data.
ENIRQ
43
59
I
Parallel port interrupt source mode selection. When ENIRQ is low, the AT mode of interrupts is enabled.
In AT mode, INT2 is internally connected to ACK. When ENIRQ is tied high, the PS-2 mode of interrupt
is enabled and INT2 is internally tied to the inverse of the PRINT bit in the line printer status register.
INT2 is latched high on the rising edge of ACK. INT2 is held until the status register is read, which then
clears the PRINT status bit and INT2.
ERR
63
5
I
Line printer error. ERR is an input line from the printer. The printer reports an error by holding ERR low
during the error condition.
GND
7, 27,
54
17, 43,
73
Ground (0 V). All terminals must be tied to GND for proper operation.
INIT
57
76
I/O
Line printer initialize. INIT is an open-drain line that provides the printer with an active-low signal that
allows the printer initialization routine to be started. INIT has an internal pullup resistor to VDD of
approximately 10 k
Ω.
INT0, INT1
45, 60
64, 79
O
External serial channel interrupt. Each serial channel interrupt 3-state output (enabled by bit 3 of the
MCR) goes active (high) when one of the following interrupts has an active (high) condition and is
enabled by the interrupt enable register of its associated channel: receiver error flag, received data
available, transmitter holding register empty, and modem status. The interrupt is cleared on appropriate
service. Upon reset, the interrupt output is in the high-impedance state.


Número de pieza similar - TL16C552AMHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C552AMHV TI-TL16C552AMHV Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Descripción similar - TL16C552AMHV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com