Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL1451ACDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL1451ACDR
Descripción Electrónicos  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL1451ACDR Datasheet(HTML) 4 Page - Texas Instruments

  TL1451ACDR Datasheet HTML 1Page - Texas Instruments TL1451ACDR Datasheet HTML 2Page - Texas Instruments TL1451ACDR Datasheet HTML 3Page - Texas Instruments TL1451ACDR Datasheet HTML 4Page - Texas Instruments TL1451ACDR Datasheet HTML 5Page - Texas Instruments TL1451ACDR Datasheet HTML 6Page - Texas Instruments TL1451ACDR Datasheet HTML 7Page - Texas Instruments TL1451ACDR Datasheet HTML 8Page - Texas Instruments TL1451ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
4
www.ti.com
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 200 kHz (unless otherwise noted)
reference section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage (pin 16)
IO = 1 mA
2.4
2.5
2.6
V
O tp t oltage change
ith temperat re
TA = –20°C to 25°C
–0.1%
±1%
Output voltage change with temperature
TA = 25°C to 85°C
–0.2%
±1%
Input voltage regulation
VCC = 3.6 V to 40 V
2
12.5
mV
Output voltage regulation
IO = 0.1 mA to 1 mA
1
7.5
mV
Short-circuit output current
VO = 0
3
10
30
mA
† All typical values are at TA = 25°C.
undervoltage lockout section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Upper threshold voltage (VCC)
2.72
V
Lower threshold voltage (VCC)
IO( f) 01mA
TA 25°C
2.6
V
Hysteresis (VCC)
IO(ref) = 0.1 mA,
TA = 25°C
80
120
mV
Reset threshold voltage (VCC)
1.5
1.9
V
† All typical values are at TA = 25°C.
short-circuit protection control section
PARAMETER
TEST CONDITIONS
TL1451AC
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input threshold voltage (SCP)
TA = 25°C
0.65
0.7
0.75
V
Standby voltage (SCP)
No pullup
140
185
230
mV
Latched input voltage (SCP)
No pullup
60
120
mV
Input (source) current
VI = 0.7 V,
TA = 25°C
–10
–15
–20
µA
Comparator threshold voltage (FEEDBACK)
1.18
V
† All typical values are at TA = 25°C.
oscillator section
PARAMETER
TEST CONDITIONS
TL1451C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Frequency
CT = 330 pF,
RT = 10 kΩ
200
kHz
Standard deviation of frequency
CT = 330 pF,
RT = 10 kΩ
10%
Frequency change with voltage
VCC = 3.6 V to 40 V
1%
Frequency change with temperature
TA = –20°C to 25°C
–0.4%
±2%
Frequency change with temperature
TA = 25°C to 85°C
–0.2%
±2%
† All typical values are at TA = 25°C.


Número de pieza similar - TL1451ACDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL1451ACDR TI-TL1451ACDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451ACDRG4 TI-TL1451ACDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Descripción similar - TL1451ACDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com