Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA-2RB-A2 Datasheet(PDF) 3 Page - Honeywell Accelerometers

No. de pieza BA-2RB-A2
Descripción Electrónicos  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BA-2RB-A2 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  BA-2RB-A2 Datasheet HTML 1Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 2Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 3Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 4Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 5Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 6Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 7Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 8Page - Honeywell Accelerometers BA-2RB-A2 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
48
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
AVAILABLE TERMINALS
Most of the BZ/BA catalog listings have
A2 type terminals. Several other terminal
styles are shown and others are available.
Specific information should be requested
from the 800 number or local Authorized
Distributor.
Solder (No suffix)
Use up to #14 wire
A2
Bottom facing 6-32 NC
× .218
screw with cup washers
A4
(Same as A2 except #8 screws)
T
Bottom facing 6-32 NC
× .218 screw
with Sems lockwashers
D5
.250 (6,35 mm) wide
× .030 (7,62) thick
quick-connect
D6
.250 (6,35 mm) wide
× .032 (0,81 mm) thick
quick-connect
P4
Side facing 8-32
× .218 screw with cup washers
PC2
Self lifting pressure plate terminals and plastic
barriers for added dielectric protection
ACTUATORS
BA, BE, BM and BZ standard basic
switches use the actuators described.
Pin plunger; in-line motion
Overtravel plunger; in-line
applications requiring additional
overtravel
Added overtravel in a panel mount
roller plunger; Actuation by cams
Leaf; Low-force, slow moving cams or
slides
Roller lever; Very low force, fast
moving cams
Roller leaf; Low-force, large
movement actuation
Lever; Very low force, slow cams and
slides
Added overtravel in a panel-mount
plunger; Heavy-duty in-line
applications or slow cams.
Cam rise should not exceed 30
°


Número de pieza similar - BA-2RB-A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
BA-2RB-A2 HONEYWELL-ACC-BA-2RB-A2 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results

Descripción similar - BA-2RB-A2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
US10D10A00 HONEYWELL-US10D10A00 Datasheet
3Mb / 94P
   Basic Switches
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com