Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A6633-Q1 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS7A6633-Q1
Descripción Electrónicos  High-Voltage Ultralow-Iq Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS7A6633-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A6633-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 12Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 13Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 14Page - Texas Instruments TPS7A6633-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UVThres
VTH(POR)
t < tRST_DEGLITCH
VTH(RST_DLY)
Internally Set
Vin
Vout
PG
CT
tRST_DELAY
tRST_DEGLITCH
tRST_DEGLITCH
VTH(RST_DLY)
tRST_DELAY
CT
CT
C
1V
t
1 A
´
=
m
TPS7A6601-Q1, TPS7A6633-Q1
TPS7A6650-Q1, TPS7A6933-Q1
TPS7A6950-Q1
www.ti.com
SLVSBL0B – DECEMBER 2012 – REVISED AUGUST 2013
An external capacitor on this pin sets the timer delay before the reset pin is asserted high. The constant output
current charges an external capacitor until the voltage exceeds a threshold to trip an internal comparator. If this
pin is open, the default delay time is 150 µs (typ). After releasing the nRST pin high, the capacitor on this pin
discharges, thus allowing the capacitor to charge from approx 0.2 V for the next power-on-reset delay-timer
function.
An external capacitor CT defines the reset-pulse delay time, tCT, with the charge time of :
(1)
The power-on-reset initializes once the output Vout exceeds 90% of the programmed value. The power-on-reset
delay is a function of the value set by an external capacitor on the CT pin before the releasing of the PG terminal
high.
Figure 19. Conditions for Activation of Reset
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS7A6601-Q1 TPS7A6633-Q1 TPS7A6650-Q1 TPS7A6933-Q1 TPS7A6950-Q1


Número de pieza similar - TPS7A6633-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A66-Q1 TI1-TPS7A66-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7A6650H-Q1 TI1-TPS7A6650H-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
TPS7A6650HQDGNRQ1 TI1-TPS7A6650HQDGNRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   Ambient-Temperature Regulator
More results

Descripción similar - TPS7A6633-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_18 Datasheet
1,001Kb / 22P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1 Datasheet
263Kb / 15P
[Old version datasheet]   300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3342 AD-ADP3342 Datasheet
165Kb / 8P
   Ultralow, IQ, anyCAP Low Dropout Regulator
REV. 0
logo
Texas Instruments
TPS7B82-Q1 TI1-TPS7B82-Q1_V03 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI-TPS7B82-Q1_V05 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
TPS7B82-Q1 TI1-TPS7B82-Q1_V01 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7B82-Q1 300-mA High-Voltage Ultralow-IQ Low-Dropout Regulator
logo
Analog Devices
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com