Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2330IDG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS2330IDG4
Descripción Electrónicos  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2330IDG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2330IDG4 Datasheet HTML 1Page - Texas Instruments TPS2330IDG4 Datasheet HTML 2Page - Texas Instruments TPS2330IDG4 Datasheet HTML 3Page - Texas Instruments TPS2330IDG4 Datasheet HTML 4Page - Texas Instruments TPS2330IDG4 Datasheet HTML 5Page - Texas Instruments TPS2330IDG4 Datasheet HTML 6Page - Texas Instruments TPS2330IDG4 Datasheet HTML 7Page - Texas Instruments TPS2330IDG4 Datasheet HTML 8Page - Texas Instruments TPS2330IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PREREG
UVLO and
Power Up
IN
ISET
ISENSE
GATE
Clamp
Charge
Pump
75
µA
Pulldown FET
Circuit Breaker
dv/dt Rate
Protection
Deglitcher
DISCH
Logic
VSENSE
PWRGD
FAULT
TIMER
Circuit
Breaker
VREG
Deglitcher
AGND
DGND
ENABLE
50
µA
TPS2330
TPS2331
SLVS277G – MARCH 2000 – REVISED JULY 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Table 2. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
6, 9
I
Analog ground, connects to DGND as close as possible
DGND
2
I
Digital ground
DISCH
14
O
Discharge transistor
ENABLE/ENABLE
13
I
Active-low (TPS2330) or active-high enable (TPS2331)
FAULT
11
O
Overcurrent fault, open-drain output
GATE
1
O
Connects to gate of high-side MOSFET
IN
8
I
Input voltage
ISENSE
7
I
Current-sense input
ISET
10
I
Adjusts circuit-breaker threshold with resistor connected to IN
PWRGD
12
O
Open-drain output, asserted low when VSENSE voltage is less than reference.
TIMER
3
O
Adjusts circuit-breaker deglitch time
VREG
4
O
Connects to bypass capacitor, for stable operation
VSENSE
5
I
Power-good sense input
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2330 TPS2331


Número de pieza similar - TPS2330IDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2330ID TI-TPS2330ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2330ID TI-TPS2330ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2330IDG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com