Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2320IPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2320IPWR
Descripción Electrónicos  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2320IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TPS2320IPWR Datasheet HTML 1Page - Texas Instruments TPS2320IPWR Datasheet HTML 2Page - Texas Instruments TPS2320IPWR Datasheet HTML 3Page - Texas Instruments TPS2320IPWR Datasheet HTML 4Page - Texas Instruments TPS2320IPWR Datasheet HTML 5Page - Texas Instruments TPS2320IPWR Datasheet HTML 6Page - Texas Instruments TPS2320IPWR Datasheet HTML 7Page - Texas Instruments TPS2320IPWR Datasheet HTML 8Page - Texas Instruments TPS2320IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS2320
TPS2321
www.ti.com
SLVS276F – MARCH 2000 – REVISED JULY 2013
DETAILED DESCRIPTION
DISCH1, DISCH2 – DISCH1 and DISCH2 should be connected to the sources of the external N-channel
MOSFET transistors connected to GATE1 and GATE2, respectively. These pins discharge the loads when the
MOSFET transistors are disabled. They also serve as reference-voltage connections for internal gate voltage-
clamp circuitry.
ENABLE or ENABLE – ENABLE for TPS2320 is active low. ENABLE for TPS2321 is active high. When the
controller is enabled, both GATE1 and GATE2 voltages will power up to turn on the external MOSFETs. When
the ENABLE pin is pulled high for TPS2320 or the ENABLE pin is pulled low for TPS2321 for more than 50 µs,
the gate of the MOSFET is discharged at a controlled rate by a current source, and a transistor is enabled to
discharge the output bulk capacitance. In addition, the device turns on the internal regulator PREREG (see
VREG) when enabled and shuts down PREREG when disabled so that total supply current is much less than
5
μA.
FAULT – FAULT is an open-drain overcurrent flag output. When an overcurrent condition in either channel is
sustained long enough to charge TIMER to 0.5 V, the overcurrent channel latches off and pulls FAULT low. The
other channel will run normally if not in overcurrent. In order to turn the channel back on, either the enable pin
has to be toggled or the input power has to be cycled.
GATE1, GATE2 – GATE1 and GATE2 connect to the gates of external N-channel MOSFET transistors. When
the device is enabled, internal charge-pump circuitry pulls these pins up by sourcing approximately 15
μA to each.
The turnon slew rates depend upon the capacitance present at the GATE1 and GATE2 terminals. If desired, the
turnon slew rates can be further reduced by connecting capacitors between these pins and ground. These
capacitors also reduce inrush current and protect the device from false overcurrent triggering during power up.
The charge-pump circuitry will generate gate-to-source voltages of 9 V-12 V across the external MOSFET
transistors.
IN1, IN2 – IN1 and IN2 should be connected to the power sources driving the external N-channel MOSFET
transistors connected to GATE1 and GATE2, respectively. The TPS2320/TPS2321 draws its operating current
from IN1, and both channels will remain disabled until the IN1 power supply has been established. The IN1
channel has been constructed to support 3-V, 5-V, or 12-V operation, while the IN2 channel has been
constructed to support 3-V or 5-V operation
ISENSE1, ISENSE2, ISET1, ISET2 – ISENSE1 and ISENSE2, in combination with ISET1 and ISET2, implement
overcurrent sensing for GATE1 and GATE2. ISET1 and ISET2 set the magnitude of the current that generates
an overcurrent fault, through external resistors connected to ISET1 and ISET2. An internal current source draws
50 µA from ISET1 and ISET2. With a sense resistor from IN1 to ISENSE1 or from IN2 to ISENSE2, which is also
connected to the drains of external MOSFETs, the voltage on the sense resistor reflects the load current. An
overcurrent condition is assumed to exist if ISENSE1 is pulled below ISET1 or if ISENSE2 is pulled below ISET2.
To ensure proper circuit breaker operation, VI(ISENSE1) and VI(ISET1) should never exceed VI(IN1). Similarly,
VI(ISENSE2) and VI(ISET2) should never exceed VI(IN2).
TIMER – A capacitor on TIMER sets the time during which the power switch can be in overcurrent before turning
off. When the overcurrent protection circuits sense an excessive current, a current source is enabled which
charges the capacitor on TIMER. Once the voltage on TIMER reaches approximately 0.5 V, the circuit-breaker
latch is set and the power switch is latched off. Power must be recycled or the ENABLE pin must be toggled to
restart the controller. In high-power or high-temperature applications, a minimum 50-pF capacitor is strongly
recommended from TIMER to ground, to prevent any false triggering.
VREG – VREG is the output of an internal low-dropout voltage regulator, where IN1 is the input. The regulator is
used to generate a regulated voltage source, less than 5.5 V, for the device. A 0.1-
μF ceramic capacitor should
be connected between VREG and ground to aid in noise rejection. In this configuration, upon disabling the
device, the internal low-dropout regulator will also be disabled, which removes power from the internal circuitry
and allows the device to be placed in low-quiescent-current mode. In applications where IN1 is less than5.5 V,
VREG and IN1 may be connected together. However, under these conditions, disabling the device will not place
the device in low-quiescent-current mode, because the internal low-dropout voltage regulator is being bypassed,
thereby keeping internal circuitry operational. If VREG and IN1 are connected together, a 0.1-
μF ceramic
capacitor between VREG and ground is not needed if IN1 already has a bypass capacitor of 1
μF to 10μF.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2320 TPS2321


Número de pieza similar - TPS2320IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2320IPWR TI-TPS2320IPWR Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWR TI-TPS2320IPWR Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWRG4 TI-TPS2320IPWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPWRG4 TI-TPS2320IPWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2320IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com