Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2330IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2330IPWR
Descripción Electrónicos  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2330IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2330IPWR Datasheet HTML 5Page - Texas Instruments TPS2330IPWR Datasheet HTML 6Page - Texas Instruments TPS2330IPWR Datasheet HTML 7Page - Texas Instruments TPS2330IPWR Datasheet HTML 8Page - Texas Instruments TPS2330IPWR Datasheet HTML 9Page - Texas Instruments TPS2330IPWR Datasheet HTML 10Page - Texas Instruments TPS2330IPWR Datasheet HTML 11Page - Texas Instruments TPS2330IPWR Datasheet HTML 12Page - Texas Instruments TPS2330IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0
3
6
9
12
18
15
12
9
6
3
0
C
– GATELoadCapacitance
L(GATE)
– nF
IN=12V
T =25 C
A
°
16
14
12
10
2
3
4
5
6
7
8
18
20
22
9
10
11
12
VI – InputVoltage – V
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
CL(GATE) =1000pF
49
46
45
43
4
5
6
7
8
9
10
50
51
52
11
12
13
14
48
47
44
V – InputV
I
oltage – V
IN=5Vto13V
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
V – InputV
I
oltage – V
TA =85°C
TA =25°C
TA =0°C
TA = –40°C
IN=5Vto13V
4
5
6
7
8
9
10
11
12
13
14
15
14
13
12
11
10
9
8
7
TPS2330
TPS2331
www.ti.com
SLVS277G – MARCH 2000 – REVISED JULY 2013
TYPICAL CHARACTERISTICS
INPUT CURRENT (ENABLED)
INPUT CURRENT (DISABLED)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 8.
Figure 9.
GATE OUTPUT VOLTAGE
GATE VOLTAGE RISE TIME
vs
vs
INPUT VOLTAGE
GATE LOAD CAPACITANCE
Figure 10.
Figure 11.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2330 TPS2331


Número de pieza similar - TPS2330IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2330IPW TI-TPS2330IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Descripción similar - TPS2330IPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com