Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62080DSGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62080DSGT
Descripción Electrónicos  1.2A High Efficient Step Down Converter with Snooze Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62080DSGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62080DSGT Datasheet HTML 4Page - Texas Instruments TPS62080DSGT Datasheet HTML 5Page - Texas Instruments TPS62080DSGT Datasheet HTML 6Page - Texas Instruments TPS62080DSGT Datasheet HTML 7Page - Texas Instruments TPS62080DSGT Datasheet HTML 8Page - Texas Instruments TPS62080DSGT Datasheet HTML 9Page - Texas Instruments TPS62080DSGT Datasheet HTML 10Page - Texas Instruments TPS62080DSGT Datasheet HTML 11Page - Texas Instruments TPS62080DSGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62080
VOUT = 2.5 V
G007
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62081
VOUT = 1.8 V
G008
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
VIN = 5.0 V, Snooze Mode
TPS62082
VOUT = 3.3 V
G004
0.880
0.885
0.890
0.895
0.900
0.905
0.910
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
Input Voltage (V)
IOUT = 1A, TA = 25°C
IOUT = 1A, TA = −40°C
IOUT = 1A, TA = 85°C
IOUT = 10mA, TA = 25°C
IOUT = 10mA, TA = −40°C
IOUT = 10mA, TA = 85°C
TPS62080
VOUT = 0.9 V
G006
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 3.6 V
VIN = 4.2 V
VIN = 5.0 V
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
VIN = 5.0 V, Snooze Mode
TPS62080
VOUT = 2.5 V
G003
0
10
20
30
40
50
60
70
80
90
100
10u
100u
1m
10m
100m
1
3
Output Current (A)
VIN = 2.8 V
VIN = 3.6 V
VIN = 4.2 V
VIN = 2.8 V, Snooze Mode
VIN = 3.6 V, Snooze Mode
VIN = 4.2 V, Snooze Mode
TPS62081
VOUT = 1.8 V
G005
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 6.
Figure 7.
EFFICIENCY
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 8.
Figure 9.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 10.
Figure 11.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Número de pieza similar - TPS62080DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62080DSGT TI-TPS62080DSGT Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGT TI1-TPS62080DSGT Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
More results

Descripción similar - TPS62080DSGT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62080 TI1-TPS62080_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com