Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UC3544J Datasheet(PDF) 3 Page - Texas Instruments |
|
UC3544J Datasheet(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com ELECTRICAL CHARACTERISTICS UC1543 ,, UC1544 UC2543, UC2544 UC3543, UC3544 SLUS188A – APRIL 1997 – REVISED FEBRUARY 2007 Unless otherwise stated, these specifications apply for T A = -55°C to 125°C for theUC1543 and UC1544; -25°C to 85°C for the UC2543 and UC2544; and 0°C to 70°C for the UC3543 and UC3544. Electrical tests are performed with V IN = 10 V and 2-k Ω pull-up resistors on all indicator outputs. All electrical specifications for the UC1544, UC2544, and UC3544 devices are tested with the inverting over-voltage input and the non-inverting under-voltage input externallyconnected to the 2.5 V reference. T A = TJ. UC1543/UC1544/UC2543/ UC3543/UC3544 UC2544 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX MIN TYP MAX TJ = 25°C to TMAX 4.5 40 4.5 40 VIN Input voltage range V TMIN to TMAX 4.7 40 4.7 40 VIN = 40 V, output open, 7 10 7 10 TJ = 25°C ICC Supply current mA TMIN≤ TJ≤ TMAX 15 15 Reference Section TJ = 25°C 2.48 2.5 2.52 2.45 2.50 2.55 VOUT Output voltage V Over temperature range 2.45 2.55 2.40 2.60 Line regulation VIN = 5 to 30 V 1 5 1 5 mV Load regulation IREF = 0 to 10 mA 1 10 1 10 Short circuit current VREF = 0 -10 -20 -40 -12 -20 -40 mA Temperature stability 50 50 ppm/°C SCR Trigger Section Peak output current VIN = 5V, RG = 0, VO = 0 -100 -300 -600 -100 -300 -600 mA Peak output voltage VIN = 15 V, IO = -100 mA 12 13 12 13 V Output OFF voltage VIN = 40 V 0 0.1 0 0.1 Remote activate current R/A Pin = GND -0.4 -0.8 -0.4 -0.8 mA Remote activate voltage R/A Pin Open 2 6 2 6 V Reset current Reset = GND, R/A = GND -0.4 -0.8 -0.4 -0.8 mA Reset voltage Reset open, R/A = GND 2 6 2 6 V Output current rise time RL = 50, TJ = 25°C, CD = 0 400 400 mA/ µs Prop. delay from R/A RL = 50, TJ = 25°C, CD = 0 300 300 ns Prop. delay from O/V input RL = 50, TJ = 25°C, CD = 0 500 500 Comparator Section Input threshold (Input TJ = 25°C 2.45 2.50 2.55 2.40 2.50 2.60 voltage rising on O.V. and V Over temperature range 2.40 2.60 2.35 2.65 falling on U.V.) Input hysteresis 25 25 mV Input bias current Sense input = 0 V -0.3 -1.0 -0.3 -1.0 µA Delay saturation 0.2 0.5 0.2 0.5 V Delay high level 6 7 6 7 Delay charging current VO = 0 -200 -250 -300 -200 -250 -300 µA Indicate saturation IL = 10 mA 0.2 0.5 0.2 0.5 V Indicate leakage VIND = 40 V 0.01 1.0 0.01 1.0 µA Input over drive = 200 mV, 400 400 ns TJ = 25°C, CD = 0 Propagation delay Input over drive = 200 mV, 10 10 ms TJ = 25°C, CD = 1 µF 3 Submit Documentation Feedback |
Número de pieza similar - UC3544J |
|
Descripción similar - UC3544J |