Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS7818PBG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
ADS7818PBG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 20 page 3 ® ADS7818 +VCC to GND ............................................................................ –0.3V to 6V Analog Inputs to GND .............................................. –0.3V to (VCC + 0.3V) Digital Inputs to GND ............................................... –0.3V to (VCC + 0.3V) Power Dissipation .......................................................................... 325mW Maximum Junction Temperature ................................................... +150 °C Operating Temperature Range ......................................... –40 °C to +85°C Storage Temperature Range .......................................... –65 °C to +150°C Lead Temperature (soldering, 10s) ............................................... +300 °C NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum condi- tions for extended periods may affect device reliability. ELECTROSTATIC DISCHARGE SENSITIVITY Electrostatic discharge can cause damage ranging from per- formance degradation to complete device failure. Burr- Brown Corporation recommends that all integrated circuits be handled and stored using appropriate ESD protection methods. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet published specifications. ABSOLUTE MAXIMUM RATINGS(1) PIN CONFIGURATION Top View 1 2 3 4 8 7 6 5 +V CC CLK DATA CONV V REF +In –In GND ADS7818 Plastic Mini-DIP-8 PIN NAME DESCRIPTION 1VREF Reference Output. Decouple to ground with a 0.1 µF ceramic capacitor and a 2.2µF tantalum capacitor. 2 +In Non-Inverting Input. 3 –In Inverting Input. Connect to ground or to remote ground sense point. 4 GND Ground. 5 CONV Convert Input. Controls the sample/hold mode, start of conversion, start of serial data transfer, type of serial transfer, and power down mode. See the Digital Interface section for more information. 6 DATA Serial Data Output. The 12-bit conversion result is serially transmitted most significant bit first with each bit valid on the rising edge of CLK. By properly controlling the CONV input, it is possibly to have the data transmitted least significant bit first. See the Digital Interface section for more information. 7 CLK Clock Input. Synchronizes the serial data transfer and determines conversion speed. 8+VCC Power Supply. Decouple to ground with a 0.1 µF ceramic capacitor and a 10µF tantalum capacitor. PIN ASSIGNMENTS 1 2 3 4 8 7 6 5 +V CC CLK DATA CONV V REF +In –In GND ADS7818 MSOP-8 PACKAGE/ORDERING INFORMATION MAXIMUM MAXIMUM INTEGRAL DIFFERENTIAL LINEARITY LINEARITY PACKAGE SPECIFICATION ERROR ERROR DRAWING TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT (LSB) (LSB) PACKAGE NUMBER(1) RANGE MARKING(2) NUMBER(3) MEDIA ADS7818E ±2 N/S(4) MSOP-8 337 –40 °C to +85°C A18 ADS7818E/250 Tape and Reel "" " " " " " ADS7818E/2K5 Tape and Reel ADS7818EB ±1 ±1 MSOP-8 337 –40 °C to +85°C A18 ADS7818EB/250 Tape and Reel "" " " " " " ADS7818EB/2K5 Tape and Reel ADS7818P ±2 N/S(4) Plastic DIP-8 006 –40 °C to +85°C ADS7818P ADS7818P Rails ADS7818PB ±1 ±1 "" " ADS7818PB ADS7818PB Rails NOTE: (1) For detail drawing and dimension table, please see end of data sheet or Package Drawing File on Web. (2) Performance Grade information is marked on the reel. (3) Models with a slash(/) are available only in Tape and reel in quantities indicated (e.g. /250 indicates 250 units per reel, /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of ”ADS7818E/2K5“ will get a single 2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to the www.burr-brown.com web site under Applications and Tape and Reel Orientation and Dimensions. (4) N/S = Not Specified, typical only. However, 12-Bits no missing codes is guaranteed over temperature. |
Número de pieza similar - ADS7818PBG4 |
|
Descripción similar - ADS7818PBG4 |