Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS7816UB Datasheet(PDF) 1 Page - Texas Instruments |
|
|
ADS7816UB Datasheet(HTML) 1 Page - Texas Instruments |
1 / 23 page ADS7816 DESCRIPTION The ADS7816 is a 12-bit, 200kHz sampling analog- to-digital converter. It features low power operation with automatic power down, a synchronous serial interface, and a differential input. The reference volt- age can be varied from 100mV to 5V, with a corre- sponding resolution from 24 µV to 1.22mV. Low power, automatic power down, and small size make the ADS7816 ideal for battery operated systems or for systems where a large number of signals must be acquired simultaneously. It is also ideal for remote and/or isolated data acquisition. The ADS7816 is available in an 8-pin plastic mini-DIP, an 8-lead SOIC, or an 8-lead MSOP package. 12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER ® ©1996 Burr-Brown Corporation PDS-1355B Printed in U.S.A., March, 1997 International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111 Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 FEATURES q 200kHz SAMPLING RATE q MICRO POWER: 1.9mW at 200kHz 150 µW at 12.5kHz q POWER DOWN: 3 µA Max q 8-PIN MINI-DIP, SOIC, AND MSOP q DIFFERENTIAL INPUT q SERIAL INTERFACE APPLICATIONS q BATTERY OPERATED SYSTEMS q REMOTE DATA ACQUISITION q ISOLATED DATA ACQUISITION SAR Control Serial Interface D OUT Comparator S/H Amp CS/SHDN DCLOCK +In V REF –In CDAC OPA658 ADS7816 ADS7816 SBAS061 |
Número de pieza similar - ADS7816UB |
|
Descripción similar - ADS7816UB |