Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5045SQX Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM5045SQX
Descripción Electrónicos  Full-Bridge PWM Controller with Integrated MOSFET Drivers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5045SQX Datasheet(HTML) 5 Page - Texas Instruments

  LM5045SQX Datasheet HTML 1Page - Texas Instruments LM5045SQX Datasheet HTML 2Page - Texas Instruments LM5045SQX Datasheet HTML 3Page - Texas Instruments LM5045SQX Datasheet HTML 4Page - Texas Instruments LM5045SQX Datasheet HTML 5Page - Texas Instruments LM5045SQX Datasheet HTML 6Page - Texas Instruments LM5045SQX Datasheet HTML 7Page - Texas Instruments LM5045SQX Datasheet HTML 8Page - Texas Instruments LM5045SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM5045
www.ti.com
SNVS699G – FEBRUARY 2011 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
VIN to GND
-0.3V to 105V
HS to GND(2)
-5V to 105V
BST1/BST2 to GND
-0.3V to 116V
BST1/BST2 to HS1/HS2
-0.3V to 16V
HO1/HO2 to HS1/HS2(3)
-0.3V to BST1/BST2+0.3V
LO1/LO2/SR1/SR2(3)
-0.3V to VCC+0.3V
VCC to GND
-0.3V to 16V
REF,SSOFF,RT,OVP,UVLO to GND
-0.3V to 7V
RAMP
-0.3V to 7V
COMP
-0.3V
COMP Input Current
+10mA
All other inputs to GND(3)
-0.3 to REF+0.3V
ESD Rating HBM(4)
2 kV
Storage Temperature Range
-55°C to 150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
The negative HS voltage must never be more negative than VCC-16V. For example, if VCC=12V, the negative transients at HS must
not exceed -4V.
(3)
These pins are output pins and as such should not be connected to an external voltage source. The voltage range listed is the limits the
internal circuitry is designed to reliably tolerate in the application circuit.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Operating Ratings
(1)
VIN Voltage
14V to 100V
External Voltage Applied to VCC
10V to 14V
Junction Temperature
-40°C to +125°C
SLOPE
-0.3V to 2V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C only; limits in boldface type apply the junction temperature range of -40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 48V, RT = 25k
Ω, RD1=RD2=20kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP=0V, UVLO=2.5V, OVP=0V, SSOFF=0V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator (VCC pin)
VCC1
VCC voltage
ICC= 10mA (SSSR<1V)
9.3
9.6
9.9
V
VCC2
VCC voltage
ICC= 10mA (SSSR>1V)
7.5
7.8
8.1
V
ICC(Lim)
VCC current limit
VCC= 6V
60
80
mA
ICC(ext)
VCC supply current
Supply current into VCC from an externally
4.6
mA
applied source. VCC = 10V
VCC load regulation
ICC from 0 to 50 mA
35
mV
VCC(UV)
VCC under-voltage threshold
Positive going VCC
VCC1–0. VCC1–0.
V
2
1
VCC under-voltage threshold
Negative going VCC
5.9
6.3
6.7
V
IIN
VIN operating current
4
mA
VIN shutdown current
VIN=20V, VUVLO=0V
300
520
µA
VVIN=100V, VUVLO=0V
350
550
µA
VIN start-up regulator leakage
VCC=10V
160
µA
Voltage Reference Regulator (REF pin)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5045


Número de pieza similar - LM5045SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5045SQX TI-LM5045SQX Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQX/NOPB TI-LM5045SQX/NOPB Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
More results

Descripción similar - LM5045SQX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
logo
National Semiconductor ...
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
[Old version datasheet]   PWM Controller With Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com