Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QTLP630C Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza QTLP630C
Descripción Electrónicos  SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP630C Datasheet(HTML) 6 Page - Fairchild Semiconductor

  QTLP630C Datasheet HTML 1Page - Fairchild Semiconductor QTLP630C Datasheet HTML 2Page - Fairchild Semiconductor QTLP630C Datasheet HTML 3Page - Fairchild Semiconductor QTLP630C Datasheet HTML 4Page - Fairchild Semiconductor QTLP630C Datasheet HTML 5Page - Fairchild Semiconductor QTLP630C Datasheet HTML 6Page - Fairchild Semiconductor QTLP630C Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2/13/02
QTLP630C-2 HER
QTLP630C-3 Yellow
QTLP630C-4 Green
QTLP630C-7 AlGaAs Red
QTLP630C-B Blue
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 0805
Page 6 of 7
© 2002 Fairchild Semiconductor Corporation
TAPE AND REEL DIMENSIONS
Ø12.75
2.5±
0.5
11.0
+0.5
-0.0
+0.25
-0.0
+1.5
8.4 -0.0
Progressive direction
Polarity
2.0
±0.05
Ø1.55.
±05
4.0
4.0
Dimensional tolerance is
± 0.1mm unless otherwise specified
Angle:
± 0.5
Unit: mm
1.63
1.27
0.25
±0.1
for -7


Número de pieza similar - QTLP630C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QTLP630C-2 FAIRCHILD-QTLP630C-2 Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP630C-3 FAIRCHILD-QTLP630C-3 Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP630C-4 FAIRCHILD-QTLP630C-4 Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP630C-7 FAIRCHILD-QTLP630C-7 Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP630C-AG FAIRCHILD-QTLP630C-AG Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
More results

Descripción similar - QTLP630C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
QTLP630C7TR FAIRCHILD-QTLP630C7TR Datasheet
118Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650C-23 FAIRCHILD-QTLP650C-23 Datasheet
83Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com