Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QTLP660C Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza QTLP660C
Descripción Electrónicos  SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP660C Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP660C Datasheet HTML 1Page - Fairchild Semiconductor QTLP660C Datasheet HTML 2Page - Fairchild Semiconductor QTLP660C Datasheet HTML 3Page - Fairchild Semiconductor QTLP660C Datasheet HTML 4Page - Fairchild Semiconductor QTLP660C Datasheet HTML 5Page - Fairchild Semiconductor QTLP660C Datasheet HTML 6Page - Fairchild Semiconductor QTLP660C Datasheet HTML 7Page - Fairchild Semiconductor QTLP660C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity
vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
010
20
30
40
50
100
90
80
70
60
50
40
30
20
10
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
AMBIENT TEMPERATURE TA (˚C)
50
40
30
20
10
0
0
255075
100
Fig.5 Maximum Forward Current
vs. Ambient Temperature
Fig.4 Radiation Diagram
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
400
450
500
550
600
650
WAVELENGTH (nm)
IB
IG
IG
IB
REL. LUMINOUS INTENSITY (%)
-80˚
80˚
-70˚
70˚
-60˚
60˚
-50˚
50˚
-40˚
40˚
-30˚
30˚
-20˚
20˚
-10˚
10˚
1.0
0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
-90˚
90˚
TYPICAL PERFORMANCE CURVES (QTLP660C-IG and IB)
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP660C-R Red
QTLP660C-E Orange
QTLP660C-O Yellow-Orange
QTLP660C-Y Yellow
QTLP660C-AG Yellow-Green
QTLP660C-IG True Green
QTLP660C-IB Blue
DS300103
8/31/01
5 OF 8
www.fairchildsemi.com


Número de pieza similar - QTLP660C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QTLP660C-2 FAIRCHILD-QTLP660C-2 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-3 FAIRCHILD-QTLP660C-3 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-4 FAIRCHILD-QTLP660C-4 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-7 FAIRCHILD-QTLP660C-7 Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
More results

Descripción similar - QTLP660C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
188Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
QTLP600C-R FAIRCHILD-QTLP600C-R Datasheet
146Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0603 (0.8 mm Height)
QTLP630C-R FAIRCHILD-QTLP630C-R Datasheet
150Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0805
QTLP600C-RY FAIRCHILD-QTLP600C-RY Datasheet
169Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0606
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP690C FAIRCHILD-QTLP690C Datasheet
131Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 0402
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP610C-R FAIRCHILD-QTLP610C-R Datasheet
149Kb / 8P
   SURFACE MOUNT LED LAMP SUPER BRIGHT RIGHT ANGLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com