Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QVE00039 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza QVE00039
Descripción Electrónicos  PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00039 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QVE00039 Datasheet HTML 1Page - Fairchild Semiconductor QVE00039 Datasheet HTML 2Page - Fairchild Semiconductor QVE00039 Datasheet HTML 3Page - Fairchild Semiconductor QVE00039 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
100016C
QVE00039
PHOTOTRANSISTOR OPTICAL
INTERRUPTER SWITCH
d - DISTANCE (mm)
Fig. 8 Normalized Collector Current vs. Shield Distance
0123456789
10
0.001
0.010
0.100
1.000
0
Black Shield
d
+
E
D
+
d
Black Shield
0
Normalized to
value with shield
removed
TA - AMBIENT TEMPERATURE (˚C)
Fig. 7 Normalized Collector Current vs. Ambient Temperature
-40
-20
0
20
40
60
80
100
0
1
10
Normalized to:
VCE = 5 V
IF = 10 mA
TA = 25˚C
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE - COLLECTOR-EMITTER VOLTAGE (V)
Fig. 6 Collector Current vs. Collector to Emitter Voltage
0.1
1
10
0
1
2
3
IF = 20 mA
IF = 30 mA
IF = 10 mA
TA - AMBIENT TEMPERATURE (˚C)
Fig. 9 Normalized Reverse Leakage Current
vs. Ambient Temperature
0
20406080
100
10-1
100
101
TA = 25˚C
Normalized to:
VCE = 5 V
Fig. 5 Normalized Collector Current
vs. Forward Current
IF - FORWARD CURRENT (mA)
1
10
100
1000
0.01
0.1
1
10
Normalized to:
IF = 20 mA
VCE = 5 V
Pulse Width = 100 µs
TA = 25˚C


Número de pieza similar - QVE00039

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
More results

Descripción similar - QVE00039

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832 FAIRCHILD-QVE00832 Datasheet
72Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
239Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com