Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QVE00120 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza QVE00120
Descripción Electrónicos  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00120 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QVE00120 Datasheet HTML 1Page - Fairchild Semiconductor QVE00120 Datasheet HTML 2Page - Fairchild Semiconductor QVE00120 Datasheet HTML 3Page - Fairchild Semiconductor QVE00120 Datasheet HTML 4Page - Fairchild Semiconductor QVE00120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PACKAGE DIMENSIONS
CL
+
E
D
+
PIN #1 (ANODE)
PIN #2 (CATHODE)
1
2
5
3
C.L.
OPTICAL
CL
L
C
CL
OPTICAL
C.L.
PIN #3 (VCC)
PIN #4 (VOUT)
PIN #5 (GND)
4
.260
(6.60)
PINS
.020 (.51) (4x)
SQ. (TYP)
KNOB
Ø.026 (.66)
(2X)
.320 (8.128)
(TYP)
.092 (2.35)
.160 (4.064)
(2X TYP)
.197
(5.00)
.100 (2.50)
.197 (5.00) MIN
(4X)
.027 (.70)
(2X)
.295 (7.50)
.394 (10.00)
(2X)
.020 (.50)
.551 (14.00)
.236 (6.00)
.100 (2.54) (2X)
(TYP)
NOTES:
1. Dimensions for all drawings are in inches (millimeters).
2. Tolerance of ± .010 (.25) on all non-nominal dimensions
unless otherwise specified.
NOTES (Applies to Max Ratings and Characteristics Tables.)
1. Derate power dissipation linearly 1.67 mW/°C above 25°C.
2. Derate power dissipation linearly 2.50 mW/°C above 25°C.
3. RMA flux is recommended.
4. Methanol or isopropyl alcohols are recommended as
cleaning agents.
5. Soldering iron 1/16” (1.6mm) from housing.
6. As long as leads are not under any stress or spring tension.
FEATURES
• No contact switching
• 5.0 mm wide slot
• 0.5 mm aperture width
• Opaque black plastic housing
• Output configuration: Buffer open-collector
• TTL/CMOS compatible output
• Locating knobs on housing base for accurate mounting
1 of 5
100029B
Parameter
Symbol
Rating
Units
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +85
°C
Lead Temperature (Solder Iron)(3,4,5,6)
TSOL-I
240 for 5 sec
°C
Lead Temperature (Solder Flow)(3,4,5,6)
TSOL-F
260 for 10 sec
°C
EMITTER
Continuous Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation(1)
PD
100
mW
SENSOR
Output Current
IO
50
mA
Supply Voltage
VCC
16
V
Output Voltage
VO
30
V
Power Dissipation(2)
PD
150
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
QVE00120
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH


Número de pieza similar - QVE00120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00118 FAIRCHILD-QVE00118 Datasheet
455Kb / 5P
   PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH
More results

Descripción similar - QVE00120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com