Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6276A Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza 1N6276A
Descripción Electrónicos  TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N6276A Datasheet(HTML) 4 Page - Vishay Siliconix

  1N6276A Datasheet HTML 1Page - Vishay Siliconix 1N6276A Datasheet HTML 2Page - Vishay Siliconix 1N6276A Datasheet HTML 3Page - Vishay Siliconix 1N6276A Datasheet HTML 4Page - Vishay Siliconix 1N6276A Datasheet HTML 5Page - Vishay Siliconix 1N6276A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.5KE6.8A thru 1.5KE540A, 1N6267A thru 1N6303A
www.vishay.com
Vishay General Semiconductor
Revision: 10-Jul-12
4
Document Number: 88301
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Power Derating Curve
Fig. 6 - Maximum Non-Repetitive Forward Surge Current
Uni-Directional only
Fig. 7 - Incremental Clamping Voltage Curve (Uni-Directional)
Fig. 8 - Incremental Clamping Voltage Curve (Uni-directional)
Fig. 9 - Incremental Clamping Voltage Curve (Bi-directional)
Fig. 10 - Incremental Clamping Voltage Curve (Bi-Directional)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (°C)
L = 0.375" (9.5 mm)
Lead Lengths
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.5
1
2
10
20
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
8/20 µs Impulse
1.5KE200
1.5KE6.8
1.5KE9.1
1.5KE18
1.5KE12
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
IPP - Peak Pulse Current (A)
ΔV
C = VC - VBR
0.5
1
2
10
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µs Impulse
ΔV
C = VC - VBR
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
1.5KE6.8
1.5KE9.1
IPP - Peak Pulse Current (A)
0.5
1
2
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µs Impulse
IPP - Peak Pulse Current (A)
ΔV
C = VC - VBR
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
1.5KE11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1
2
10
20
100
IPP - Peak Pulse Current (A)
Waveform:
8/20 µs Impulse
ΔV
C = VC - VBR


Número de pieza similar - 1N6276A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N6276A VISHAY-1N6276A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Transys Electronics
1N6276A TRSYS-1N6276A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6276A DAESAN-1N6276A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6276A LUGUANG-1N6276A Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6276A DCCOM-1N6276A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - 1N6276A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com