Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD817ANZ Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD817ANZ
Descripción Electrónicos  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD817ANZ Datasheet(HTML) 1 Page - Analog Devices

  AD817ANZ Datasheet HTML 1Page - Analog Devices AD817ANZ Datasheet HTML 2Page - Analog Devices AD817ANZ Datasheet HTML 3Page - Analog Devices AD817ANZ Datasheet HTML 4Page - Analog Devices AD817ANZ Datasheet HTML 5Page - Analog Devices AD817ANZ Datasheet HTML 6Page - Analog Devices AD817ANZ Datasheet HTML 7Page - Analog Devices AD817ANZ Datasheet HTML 8Page - Analog Devices AD817ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CONNECTION DIAGRAM
8-Pin Plastic Mini-DIP (N) and
SOIC (R) Packages
NULL
–IN
+IN
OUTPUT
NULL
1
2
3
4
8
7
6
5
–VS
TOP VIEW
+V
S
AD817
NC
NC = NO CONNECT
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, Low Power
Wide Supply Range Amplifier
AD817
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Cost
High Speed
50 MHz Unity Gain Bandwidth
350 V/ s Slew Rate
45 ns Settling Time to 0.1% (10 V Step)
Flexible Power Supply
Specified for Single (+5 V) and
Dual ( 5 V to
15 V) Power Supplies
Low Power: 7.5 mA max Supply Current
High Output Drive Capability
Drives Unlimited Capacitive Load
50 mA Minimum Output Current
Excellent Video Performance
70 MHz 0.1 dB Bandwidth (Gain = +1)
0.04% & 0.08 Differential Gain & Phase Errors
@ 3.58 MHz
Available in 8-Pin SOIC and 8-Pin Plastic Mini-DIP
PRODUCT DESCRIPTION
The AD817 is a low cost, low power, single/dual supply, high
speed op amp which is ideally suited for a broad spectrum of
signal conditioning and data acquisition applications. This
breakthrough product also features high output current drive
capability and the ability to drive an unlimited capacitive load
while still maintaining excellent signal integrity.
The 50 MHz unity gain bandwidth, 350 V/
µs slew rate and set-
tling time of 45 ns (0.1%) make possible the processing of high
speed signals common to video and imaging systems. Further-
more, professional video performance is attained by offering dif-
ferential gain & phase errors of 0.04% & 0.08
° @ 3.58 MHz
and 0.1 dB flatness to 70 MHz (gain = +1).
The AD817 is fully specified for operation with a single +5 V
power supply and with dual supplies from
±5 V to ±15 V. This
power supply flexibility, coupled with a very low supply current
of 7.5 mA and excellent ac characteristics under all power sup-
ply conditions, make the AD817 the ideal choice for many de-
manding yet power sensitive applications.
In applications such as ADC buffers and line drivers the AD817
simplifies the design task with its unique combination of a
50 mA minimum output current and the ability to drive
unlimited capacitive loads.
The AD817 is available in 8-pin plastic mini-DIP and SOIC
packages.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD817AN
–40
°C to +85°C 8-Pin Plastic DIP
N-8
AD817AR
–40
°C to +85°C 8-Pin Plastic SOIC R-8
7
6
3
2
+V
S
4
TEKTRONIX
P6201 FET
PROBE
HP
PULSE
GENERATOR
AD817
1k
50
1k
C
L
1000pF
V
OUT
0.01
µF
3.3
µF
–V
S
V
IN
0.01
µF
3.3
µF
10
90
100
0%
5V
500ns
100pF
LOAD
1000pF
LOAD
AD817 Driving a Large Capacitive Load


Número de pieza similar - AD817ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817AN AD-AD817AN Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results

Descripción similar - AD817ANZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com