Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD817AN Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD817AN
Descripción Electrónicos  High Speed, Low Power Wide Supply Range Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD817AN Datasheet(HTML) 3 Page - Analog Devices

  AD817AN Datasheet HTML 1Page - Analog Devices AD817AN Datasheet HTML 2Page - Analog Devices AD817AN Datasheet HTML 3Page - Analog Devices AD817AN Datasheet HTML 4Page - Analog Devices AD817AN Datasheet HTML 5Page - Analog Devices AD817AN Datasheet HTML 6Page - Analog Devices AD817AN Datasheet HTML 7Page - Analog Devices AD817AN Datasheet HTML 8Page - Analog Devices AD817AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD817A
Parameter
Conditions
VS
Min
Typ
Max
Units
INPUT COMMON-MODE
±5 V
+3.8
+4.3
V
VOLTAGE RANGE
–2.7
–3.4
V
±15 V
+13
+14.3
V
–12
–13.4
V
0, +5 V
+3.8
+4.3
V
+1.2
+0.9
V
OUTPUT VOLTAGE SWING
RLOAD = 500
Ω±5 V
3.3
3.8
±V
RLOAD = 150 Ω± 5 V
3.2
3.6
±V
RLOAD = 1 k
Ω±15 V
13.3
13.7
±V
RLOAD = 500
Ω±15 V
12.8
13.4
±V
RLOAD = 500 Ω
0, +5 V
+1.5,
+3.5
V
Output Current
±15 V
50
mA
±5 V
50
mA
0, +5 V
30
mA
Short-Circuit Current
±15 V
90
mA
INPUT RESISTANCE
300
k
INPUT CAPACITANCE
1.5
pF
OUTPUT RESISTANCE
Open Loop
8
POWER SUPPLY
Operating Range
Dual Supply
±2.5
±18
V
Single Supply
+5
+36
V
Quiescent Current
±5 V
7.0
7.5
mA
TMIN to TMAX
±5 V
7.5
mA
±15 V
7.5
mA
TMIN to TMAX
±15 V
7.0
7.5
mA
NOTES
1Full power bandwidth = slew rate/2
π V
PEAK.
Specifications subject to change without notice.
AD817
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . See Derating Curves
Small Outline (R) . . . . . . . . . . . . . . . . . See Derating Curves
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Output Short Circuit Duration . . . . . . . . See Derating Curves
Storage Temperature Range N, R . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air: 8-pin plastic package:
θ
JA = 100°C/watt;
8-pin SOIC package:
θ
JA = 160°C/watt.
AMBIENT TEMPERATURE –
°C
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
10
20
30
50
60
70
80
40
1.0
0.5
8-PIN MINI-DIP PACKAGE
8-PIN SOIC PACKAGE
TJ = +150°C
Maximum Power Dissipation vs. Temperature
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD817 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.


Número de pieza similar - AD817AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817AN AD-AD817AN Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results

Descripción similar - AD817AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817 AD-AD817_15 Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817AR-REEL AD-AD817AR-REEL Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
Texas Instruments
TL499A TI-TL499A Datasheet
114Kb / 8P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
TL499A TI-TL499A_06 Datasheet
195Kb / 10P
[Old version datasheet]   WIDE-RANGE POWER-SUPPLY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com