Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9235BCPZ-20 Datasheet(PDF) 5 Page - Analog Devices |
|
AD9235BCPZ-20 Datasheet(HTML) 5 Page - Analog Devices |
5 / 40 page Data Sheet AD9235 Rev. D | Page 5 of 40 tA tPD = 6.0ns MAX 2.0ns MIN N–9 N–8 N–7 N–6 N–5 N–4 N–3 N–2 N–1 N ANALOG INPUT CLK DATA OUT N–1 N N+1 N+2 N+3 N+4 N+5 N+6 N+7 N+8 Figure 2. Timing Diagram AC SPECIFICATIONS AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, AIN = –0.5 dBFS, 1.0 V internal reference, TMIN to TMAX, unless otherwise noted. Table 4. AD9235BRU/BCP-20 AD9235BRU/BCP-40 AD9235BRU/BCP-65 Parameter Temp Test Level Min Typ Max Min Typ Max Min Typ Max Unit SIGNAL-TO-NOISE RATIO fINPUT = 2.4 MHz 25°C V 70.8 70.6 70.5 dBc fINPUT = 9.7 MHz Full IV 70.0 70.4 dBc 25°C I 70.6 dBc fINPUT = 19.6 MHz Full IV 69.9 70.3 dBc 25°C I 70.4 dBc fINPUT = 32.5 MHz Full IV 68.7 69.7 dBc 25°C I 70.1 dBc fINPUT = 100 MHz 25°C V 68.7 68.5 68.3 dBc SIGNAL-TO-NOISE RATIO AND DISTORTION fINPUT = 2.4 MHz 25°C V 70.6 70.5 70.4 dBc fINPUT = 9.7 MHz Full IV 69.9 70.3 dBc 25°C I 70.5 dBc fINPUT = 19.6 MHz Full IV 69.7 70.2 dBc 25°C I 70.3 dBc fINPUT = 32.5 MHz Full IV 68.3 69.5 dBc 25°C I 69.9 dBc fINPUT = 100 MHz 25°C V 68.6 68.3 67.8 dBc TOTAL HARMONIC DISTORTION fINPUT = 2.4 MHz 25°C V –88.0 –89.0 –87.5 dBc fINPUT = 9.7 MHz Full IV –86.0 –79.0 dBc 25°C I –87.4 dBc fINPUT = 19.6 MHz Full IV –85.5 –79.0 dBc 25°C I –86.0 dBc fINPUT = 32.5 MHz Full IV –81.8 –74.0 dBc 25°C I –82.0 dBc fINPUT = 100 MHz 25°C V –84.0 –82.5 –78.0 dBc WORST HARMONIC (SECOND OR THIRD) fINPUT = 9.7 MHz Full IV –90.0 –80.0 dBc fINPUT = 19.6 MHz Full IV –90.0 –80.0 dBc fINPUT = 32.5 MHz Full IV –83.5 –74.0 dBc |
Número de pieza similar - AD9235BCPZ-20 |
|
Descripción similar - AD9235BCPZ-20 |