Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMM02040C0BB3 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de Pieza. SMM02040C0BB3
Descripción  Thin Film Mini-MELF Resistors
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SMM02040C0BB3 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 20004
30
Revision: 16-Sep-11
SMM0204
Vishay Draloric
Thin Film Mini-MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FEATURES
 Advanced thin film technology
 AEC-Q200 qualified
 Low TCR and tight tolerances
 Excellent stability in different environmental
conditions
 Pure tin termination on nickel barrier, plated on
press fit steel caps
 Compliant to RoHS Directive 2002/95/EC
Notes
• SMM0204 EN803 E0 and OMM0204 EN803 E0 respectively are available versions with IECQ-CECC approval to EN 140401-803, version A,
with nominal failure rate level E0.
• The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
• The upper temperature limit of 125 °C reflects the prescriptions of the detail specification EN 140401-803. However, the products may be
operated up 155 °C, if the tradeoff through decreased drift stability is acceptable to the specific application.
• The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 125 °C or 155 °C respectively
is not exceeded.
• The specification of this product is based on a test board according to EN 140400, providing a thermal resistance of approximately 220 K/W.
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
• The IECQ-CECC approved product versions SMM0204 EN803 E0 and OMM0204 EN803 E0 respectively feature a quality factor
Q = 3 for
the purpose of system MTBF calculations, compared with
Q = 10 for the standard versions.
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
POWER RATING
P70
W
LIMITING ELEMENT
VOLTAGE
DC or ACRMS
V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
E-SERIES
SMM0204
0.25
200
± 15
± 0.1
± 0.25
± 0.5
43R to 221K
22R to 221K
10R to 221K
24; 96; 192
SMM0204
0.25
200
± 25
± 0.1
± 0.25
±0.5
43R to 511K
22R to 511K
10R to 1M0
24; 96; 192
SMM0204
0.25
200
± 50
± 0.5
± 1
10R to 1M0
R82 to 10M
24; 96; 192
24; 96
SMM0204
0.25
200
± 100
± 5
R22 to 10M
24
Zero-Ohm-Resistor: OMM0204
Rmax. = 10 m
Imax. = 3 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SMM0204
Power rating
P70
W0.25
Limiting element voltage, DC or ACRMS
V
200
Insulation voltage (1 min), DC or ACPEAK
V
300
Insulation resistance
 1010
Category temperature range
°C
- 55 to + 125 (+ 155)
Failure rate: FITobserved
 0.1 x 10-9/h


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn