Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-BF516KSWZ-4F4 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADSP-BF516KSWZ-4F4
Descripción Electrónicos  Blackfin Embedded Processor
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF516KSWZ-4F4 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF516KSWZ-4F4 Datasheet HTML 1Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 2Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 3Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 4Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 5Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 6Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 7Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 8Page - Analog Devices ADSP-BF516KSWZ-4F4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ADSP-BF512/BF512F, BF514/BF514F, BF516/BF516F, BF518/BF518F
Rev. B
|
Page 3 of 68
|
January 2011
GENERAL DESCRIPTION
The ADSP-BF512/ADSP-BF512F, ADSP-BF514/ADSP-
BF514F, ADSP-BF516/ADSP-BF516F, ADSP-BF518/ADSP-
BF518F processors are members of the Blackfin
® family of prod-
ucts, incorporating the Analog Devices/Intel Micro Signal
Architecture (MSA). Blackfin processors combine a dual-MAC
state-of-the-art signal processing engine, the advantages of a
clean, orthogonal RISC-like microprocessor instruction set, and
single-instruction, multiple-data (SIMD) multimedia capabili-
ties into a single instruction-set architecture.
The processors are completely code compatible with other
Blackfin processors.
By integrating a rich set of industry-leading system peripherals
and memory, Blackfin processors are the platform of choice for
next-generation applications that require RISC-like program-
mability, multimedia support, and leading-edge signal
processing in one integrated package.
PORTABLE LOW POWER ARCHITECTURE
Blackfin processors provide world-class power management
and performance. They are produced with a low power and low
voltage design methodology and feature on-chip dynamic
power management, which is the ability to vary both the voltage
and frequency of operation to significantly lower overall power
consumption. This capability can result in a substantial reduc-
tion in power consumption, compared with just varying the
frequency of operation. This allows longer battery life for
portable appliances.
SYSTEM INTEGRATION
The ADSP-BF51x processors are highly integrated system-on-a-
chip solutions for the next generation of embedded network
connected applications. By combining industry-standard inter-
faces with a high performance signal processing core, cost-
effective applications can be developed quickly, without the
need for costly external components. The system peripherals
include an IEEE-compliant 802.3 10/100 Ethernet MAC with
IEEE-1588 support (ADSP-BF518/ADSP-BF518F only), an RSI
controller, a TWI controller, two UART ports, two SPI ports,
two serial ports (SPORTs), nine general-purpose 32-bit timers
(eight with PWM capability), 3-phase PWM for motor control,
a real-time clock, a watchdog timer, and a parallel peripheral
interface (PPI).
BLACKFIN PROCESSOR CORE
As shown in Figure 1, the Blackfin processor core contains two
16-bit multipliers, two 40-bit accumulators, two 40-bit ALUs,
four video ALUs, and a 40-bit shifter. The computation units
process 8-, 16-, or 32-bit data from the register file.
The compute register file contains eight 32-bit registers. When
performing compute operations on 16-bit operand data, the
register file operates as 16 independent 16-bit registers. All
operands for compute operations come from the multiported
register file and instruction constant fields.
Each MAC can perform a 16-bit by 16-bit multiply in each
cycle, accumulating the results into the 40-bit accumulators.
Signed and unsigned formats, rounding, and saturation
are supported.
The ALUs perform a traditional set of arithmetic and logical
operations on 16-bit or 32-bit data. In addition, many special
instructions are included to accelerate various signal processing
tasks. These include bit operations such as field extract and pop-
ulation count, modulo 232 multiply, divide primitives, saturation
and rounding, and sign/exponent detection. The set of video
instructions include byte alignment and packing operations,
16-bit and 8-bit adds with clipping, 8-bit average operations,
and 8-bit subtract/absolute value/accumulate (SAA) operations.
The compare/select and vector search instructions are also
provided.
Table 1. Processor Comparison
Feature
IEEE-1588
–––
–––
1
1
Ethernet MAC
1111
RSI
1
1
1111
TWI
1111
1111
SPORTs
2222
2222
UARTs
2222
2222
SPIs
2222
2222
GP Timers
8888
8888
Watchdog Timers
1111
1111
RTC
1111
1111
PPI
1111
1111
Internal 4 Mbit SPI flash
1–1
1–1
Rotary Counter
1111
1111
3-Phase PWM Pairs
3333
3333
GPIOs
40 40 40 40 40 40 40 40
L1 Instruction SRAM
32K
L1 Instruction
SRAM/Cache
16K
L1 Data SRAM
32K
L1 Data SRAM/Cache
32K
L1 Scratchpad
4K
L3 Boot ROM
32K
Maximum Speed Grade
400 MHz
Package Options
176-Lead LQFP with Exposed Pad
168-Ball CSP_BGA


Número de pieza similar - ADSP-BF516KSWZ-4F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF516 AD-ADSP-BF516 Datasheet
1Mb / 62P
   Blackfin Embedded Processor
Rev. PrE
More results

Descripción similar - ADSP-BF516KSWZ-4F4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com