Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5405 Datasheet(PDF) 2 Page - Formosa MS

No. de pieza 1N5405
Descripción Electrónicos  Axial Leaded General Purpose Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5405 Datasheet(HTML) 2 Page - Formosa MS

  1N5405 Datasheet HTML 1Page - Formosa MS 1N5405 Datasheet HTML 2Page - Formosa MS 1N5405 Datasheet HTML 3Page - Formosa MS 1N5405 Datasheet HTML 4Page - Formosa MS 1N5405 Datasheet HTML 5Page - Formosa MS 1N5405 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0123456
247944



 
!
"#$% $&'()*+,-)
"-&$($. %/01)++(
%
2+345!

"6&#.!!$'2!
"%5!&!46$&&!-!
"7&42- & ,8,4
"
942:4;1<=7
6
51
64+
)&!$&
!$&
!&
!'2$!? &


&

$@
)*
+,-)
,8
?
+A8
@
%/
B8
,8
?
+A8
@
%/
B8
8
CDA?
8
A@
8
+3A?
D8
+@
8
A+?
,8
C@
8
3?
,8
+@
)/
-8
8
++?
A8
E@
8
,D?
A8
@
)/
-8
F<GH<I40J
KLMNOOPQRSKLMNOT
F14=G1I
-&


 U&
'$

25422
$&
4!8
V&
42'5!' .&

&

8
V&
42$54' .&

&

8
0&

&
'!5..'
&
!4'2&
W
5!'
&
!8

 
$ !U&
! !
$
!$
%/
01),AX
++3
"YZ[[\]_`a_\bc\defghaeijkgb`[lggmelfhng]opqrstt`ao
"
"
"
"
"
)'5 !/
)
/
$$5)

uU&
$)
 uU&
$&
!
648
vw
Oxxy6
47
z151G479=G{<I1
R126
|6
1GI}MO~}KOOO~
14919
€,u 
&

&
U U$U

4
€+u%0U

4
€C#!
&
!55$U$U

4
€%& 5 
‚U

4ƒ/„C8
-
…
6-u-% 1 u
#*B)/
1/
*B0
…‚'
&

&
'5!
…‚$54'5!
uU$'5!
12 $&
$
!'
)&
W
5!'
&
!' '&

!'
0…&
48
+
38
C $$&
!4
2
$&
!‚U$5 & $!


?† ) # 
2@
0 . %/
B8 1‡68 %-ˆ8 B/
1
/
*
/
…0%
/
u
#
†
-
-
‰-
*#X
7
…
C8

+
A8

C
*
 „ 
1 „ +A#
u
uu%
†
*
 „ 
1 „ ,#
u
uu%
†
†5!'
&
!
 .&
!

A
u
Š†-
,BA
,BA,
,BA+
CA
D
,
A
,
+
0‡%‹*0

uu%
?@

u%0

u
?@
?@
€,
€+
€C

…
?@
€
,BA
,BAE
+3
+

E
,8

AA
Œ,+A
,BAD
,BA3
3
,
AE
D
A
,
+

E
3
,
0
4
 
5

„,%V! 
&
)#U$U

4
1
01Ž
*#
Œ,DA
EA
*
?#@
* 
&
!4

 
5
1(
†
2


X
X
‚‚‚8

 $ $8
' X
1 
33E+++EEEE,
…-ˆ
33E+++EE,,
)0+++,,A
+3X
+X
,
+,X
CX
,
#
E
04y6
H=H G46
5;I4597
12G6
24734G421G6
I6
2I?-11„+A
-
# 5!
$$
2‚&
$!
@
‘’“
”•—˜”™˜™š˜›˜œ”•žœŸ ¡˜¢˜£¤
“
¥
“
˜œ¡
深圳FMS
Kinter
131
6803
0058


Número de pieza similar - 1N5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5405 VISHAY-1N5405 Datasheet
74Kb / 4P
   General Purpose Plastic Rectifier
Revision: 04-Nov-09
logo
Pan Jit International I...
1N5405 PANJIT-1N5405 Datasheet
51Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
List of Unclassifed Man...
1N5405 ETC1-1N5405 Datasheet
48Kb / 1P
   SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Suntan Capacitors
1N5405 SUNTAN-1N5405 Datasheet
184Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Jinan Jingheng (Group) ...
1N5405 JINANJINGHENG-1N5405 Datasheet
84Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Descripción similar - 1N5405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
10A05 FORMOSA-10A05 Datasheet
177Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N4001G FORMOSA-1N4001G_17 Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
New Jersey Semi-Conduct...
1N4245 NJSEMI-1N4245 Datasheet
143Kb / 1P
   2.5 AMPERE RATED, AXIAL-LEADED, GENERAL PURPOSE RECTIFIERS.
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
American Microsemicondu...
1N6513 AMMSEMI-1N6513 Datasheet
610Kb / 1P
   Axial Leaded Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com