Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5367B Datasheet(PDF) 2 Page - Formosa MS

No. de pieza 1N5367B
Descripción Electrónicos  5W Zener Diode 5.1 to 200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5367B Datasheet(HTML) 2 Page - Formosa MS

  1N5367B Datasheet HTML 1Page - Formosa MS 1N5367B Datasheet HTML 2Page - Formosa MS 1N5367B Datasheet HTML 3Page - Formosa MS 1N5367B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25
unless otherwise noted, VF=1.2 Max @ IF=1A for all types)
NOTE:
TOLERANCEANDVOLTAGEDESIGNATION-TheJEDECtypenumbersshownindicateatoleranceof+/-5%with
guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table.
C
7
0.15
bKPOKQ40s
5W Zener Diode 5.1 to 200V
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222803
2008/02/10
2010/03/10
B
4
1N5338 Thru 1N5388
深圳FMS
Kinter
131
6803
0058


Número de pieza similar - 1N5367B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5367B MOTOROLA-1N5367B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5367B MICROSEMI-1N5367B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Yangzhou yangjie electr...
1N5367B YANGJIE-1N5367B Datasheet
447Kb / 5P
   Zener Diodes
logo
Semikron International
1N5367B SEMIKRON-1N5367B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Pan Jit International I...
1N5367B PANJIT-1N5367B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Descripción similar - 1N5367B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 5.1 to 100 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
SMAJ5918B MCC-SMAJ5918B Datasheet
464Kb / 5P
   1.5 Watt Zener Diode 5.1 to 200 Volts
1N5338B MCC-1N5338B_14 Datasheet
378Kb / 6P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
logo
Kwang Myoung I.S. CO.,L...
1N5338B KISEMICONDUCTOR-1N5338B Datasheet
428Kb / 5P
   5 Watt Zener Diode 5.1 to 200 Volts
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com