Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD669 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD669
Descripción Electrónicos  Monolithic 16-Bit DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD669 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD669 Datasheet HTML 4Page - Analog Devices AD669 Datasheet HTML 5Page - Analog Devices AD669 Datasheet HTML 6Page - Analog Devices AD669 Datasheet HTML 7Page - Analog Devices AD669 Datasheet HTML 8Page - Analog Devices AD669 Datasheet HTML 9Page - Analog Devices AD669 Datasheet HTML 10Page - Analog Devices AD669 Datasheet HTML 11Page - Analog Devices AD669 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD669
REV. A
–8–
OUTPUT SETTLING AND GLITCH
The AD669’s output buffer amplifier typically settles to within
0.0008% FS (l/2 LSB) of its final value in 8
µs for a full-scale
step. Figures 7a and 7b show settling for a full-scale and an LSB
step, respectively, with a 2 k
Ω, 1000 pF load applied. The guar-
anteed maximum settling time at +25
°C for a full-scale step is
13
µs with this load. The typical settling time for a 1 LSB step is
2.5
µs.
The digital-to-analog glitch impulse is specified as 15 nV-s typi-
cal. Figure 7c shows the typical glitch impulse characteristic at
the code 011 . . . 111 to 100 . . . 000 transition when loading
the second rank register from the first rank register.
20
–10
0
0
+10
10
600
400
200
0
–200
–400
–600
µs
a. –10 V to +10 V Full-Scale Step Settling
5
0
0
600
400
200
–200
–400
–600
µs
1
23
4
b. LSB Step Settling
5
0
0
+10
–10
µs
1
23
4
c. D-to-A Glitch Impulse
Figure 7. Output Characteristics
DIGITAL CIRCUIT DETAILS
The bus interface logic of the AD669 consists of two indepen-
dently addressable registers in two ranks. The first rank consists
of a 16-bit register which is loaded directly from a 16-bit micro-
processor bus. Once the 16-bit data word has been loaded in the
first rank, it can be loaded into the 16-bit register of the second
rank. This double-buffered organization avoids the generation of
spurious analog output values.
The first rank latch is controlled by CS and L1. Both of these
inputs are active low and are level-triggered. This means that
data present during the time when both CS and L1 are low will
enter the latch. When either one of these signals returns high,
the data is latched.
The second rank latch is controlled by LDAC. This input is ac-
tive high and is also level-triggered. Data that is present when
LDAC is high will enter the latch, and hence the DAC will
change state. When this pin returns low, the data is latched in
the DAC.
Note that LDAC is not gated with CS or any other control sig-
nal. This makes it possible to simultaneously update all of the
AD669’s present in a multi-DAC system by tying the LDAC
pins together. After the first rank register of each DAC has been
individually loaded and latched, the second rank registers are
then brought high together, updating all of the DACs at the
same time. To reduce bit skew, it is suggested to leave 100 ns
between the first rank load and the second rank load.
The first rank latch and second rank latch can be used together
in a master-slave or edge-triggered configuration. This mode of
operation occurs when LDAC and CS are tied together with L1
tied to ground. Rising edges on the LDAC-CS pair will update
the DAC with the data presented preceding the edge. The tim-
ing diagram for operation in this mode can be seen in Figure lb.
Note, however, that the sum of tLOW and tHIGH must be long
enough to allow the DAC output to settle to its new value.
Table I. AD669 Truth Table
CS
L1
LDAC
Operation
0
0
X
First Rank Enable
X
1
X
First Rank Latched
1
X
X
First Rank Latched
X
X
1
Second Rank Enabled
X
X
0
Second Rank Latched
0
0
1
All Latches Transparent
“X” = Don’t Care
It is possible to make the second rank register transparent by ty-
ing Pin 23 high. Any data appearing in the first rank register will
then appear at the output of the DAC. It should be noted, how-
ever, that the deskewing provided by the second rank latch is
then defeated, and glitch impulse may increase. If it is desired to
make both registers transparent, this can be done by tying Pins
5 and 6 low and Pin 23 high. Table I shows the truth table for
the AD669, while the timing diagram is found in Figure 1.
INPUT CODING
The AD669 uses positive-true binary input coding. Logic “1” is
represented by an input voltage greater than 2.0 V, and Logic
“0” is defined as an input voltage less than 0.8 V.


Número de pieza similar - AD669

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669/883B AD-AD669/883B Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669883B AD-AD669883B Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
More results

Descripción similar - AD669

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD669 AD-AD669_15 Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669 Datasheet
460Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
   Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD75089 AD-AD75089 Datasheet
387Kb / 8P
   MONOLITHIC OCTAL 12-BIT DACPORT
REV. 0
AD766 AD-AD766_15 Datasheet
313Kb / 8P
   16-Bit DSP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com