Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8675ARMZ-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8675ARMZ-REEL
Descripción Electrónicos  36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8675ARMZ-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8675ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 11Page - Analog Devices AD8675ARMZ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
AD8675
Rev. E | Page 9 of 12
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
PSRR+
PSRR–
Figure 21. Power Supply Rejection Ratio vs. Frequency
148
147
146
145
144
143
142
141
140
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 22. Power Supply Rejection Ratio vs. Temperature
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
0
1
2
4
3
7
6
5
8
9
10
TIME (s)
Figure 23. Voltage Noise (0.1 Hz to 10 Hz)
10k
1k
100
10
1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
SINK
SOURCE
Figure 24. Output Saturation Voltage vs. Output Current
14.86
14.84
14.82
14.80
14.78
14.76
14.74
14.72
14.70
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VOH
VS = ±15V
RL = 2kΩ
Figure 25. Swing vs. Temperature, VOH
–14.70
–14.75
–14.80
–14.85
–14.90
–14.95
–15.00
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = ±15V
RL = 2kΩ
VOL
Figure 26. Swing vs. Temperature, VOL


Número de pieza similar - AD8675ARMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8675ARMZ-REEL AD-AD8675ARMZ-REEL Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675ARMZ-REEL AD-AD8675ARMZ-REEL Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675ARMZ-REEL AD-AD8675ARMZ-REEL Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
More results

Descripción similar - AD8675ARMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
   36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
AD8676 AD-AD8676 Datasheet
492Kb / 12P
   Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. 0
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
   Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011 Datasheet
265Kb / 16P
   Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com