Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADAS1000-22 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADAS1000-22
Descripción Electrónicos  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-22 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAS1000-22 Datasheet HTML 6Page - Analog Devices ADAS1000-22 Datasheet HTML 7Page - Analog Devices ADAS1000-22 Datasheet HTML 8Page - Analog Devices ADAS1000-22 Datasheet HTML 9Page - Analog Devices ADAS1000-22 Datasheet HTML 10Page - Analog Devices ADAS1000-22 Datasheet HTML 11Page - Analog Devices ADAS1000-22 Datasheet HTML 12Page - Analog Devices ADAS1000-22 Datasheet HTML 13Page - Analog Devices ADAS1000-22 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 10 of 80
TIMING CHARACTERISTICS
Standard Serial Interface
AVDD = 3.3 V ± 5%, IOVDD = 1.65 V to 3.6 V, AGND = DGND = 0 V, REFIN tied to REFOUT, externally supplied crystal/clock =
8.192 MHz. TA = −40°C to +85°C, unless otherwise noted. Typical specifications are mean values at TA = 25°C.
Table 5.
IOVDD
Parameter1
3.3 V
2.5 V
1.8 V
Unit
Description
Output Rate2
2
128
kHz
Across specified IOVDD supply range; three programmable output data
rates available as configured in FRMCTL register (see Table 35) 2 kHz,
16 kHz, 128 kHz; use skip mode for slower rates
SCLK Cycle Time
25
40
50
ns min
See Table 19 for details on SCLK vs. packet data rates
tCSSA
8.5
9.5
12
ns min
CS valid setup time to rising SCLK
tCSHA
3
3
3
ns min
CS valid hold time to rising SCLK
tCH
8
8
8
ns min
SCLK high time
tCL
8
8
8
ns min
SCLK low time
tDO
8.5
11.5
20
ns typ
SCLK falling edge to SDO valid delay; SDO capacitance of 15 pF
11
19
24
ns max
tDS
2
2
2
ns min
SDI valid setup time from SCLK rising edge
tDH
2
2
2
ns min
SDI valid hold time from SCLK rising edge
tCSSD
2
2
2
ns min
CS valid setup time from SCLK rising edge
tCSHD
2
2
2
ns min
CS valid hold time from SCLK rising edge
tCSW
25
40
50
ns min
CS high time between writes (if used). Note that CS is an optional input,
it may be tied permanently low. See a full description in the Serial
Interfaces section.
tDRDY_CS2
0
0
0
ns min
DRDY to CS setup time
tCSO
6
7
9
ns typ
Delay from CS assert to SDO active
RESET
Low Time2
20
20
20
ns min
Minimum pulse width; RESET is edge triggered
1
Guaranteed by characterization, not production tested.
2
Guaranteed by design, not production tested.
Figure 2. Data Read and Write Timing Diagram (CPHA = 1, CPOL = 1)
DB[30]
DB[31]
DB[0]
DB[1]
DB[29]
DB[25]
DB[24]
DB[23]
SCLK
CS
SDI
tCH
tCL
tCSSA
tCSHA
tCSHD
tCSSD
tDH
tDS
tCSW
SDO
tDO
R/W
MSB
LSB
DATA
ADDRESS
DO_25LAST
DO_1LAST
DO_0LAST
DO_29LAST
DO_30LAST
DO_31LAST
DRDV
MSB
LSB
tCSO


Número de pieza similar - ADAS1000-22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAS1000-2BCPZ AD-ADAS1000-2BCPZ Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-2BCPZ-RL AD-ADAS1000-2BCPZ-RL Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-2BSTZ AD-ADAS1000-2BSTZ Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-2BSTZ-RL AD-ADAS1000-2BSTZ-RL Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
More results

Descripción similar - ADAS1000-22

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
   Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000 AD-ADAS1000 Datasheet
131Kb / 3P
   Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
Rev. Pr.D
ADAS1000-3 AD-ADAS1000-3 Datasheet
1Mb / 80P
   Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com