Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG3233BRJ Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG3233BRJ
Descripción Electrónicos  Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG3233BRJ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG3233BRJ Datasheet HTML 7Page - Analog Devices ADG3233BRJ Datasheet HTML 8Page - Analog Devices ADG3233BRJ Datasheet HTML 9Page - Analog Devices ADG3233BRJ Datasheet HTML 10Page - Analog Devices ADG3233BRJ Datasheet HTML 11Page - Analog Devices ADG3233BRJ Datasheet HTML 12Page - Analog Devices ADG3233BRJ Datasheet HTML 13Page - Analog Devices ADG3233BRJ Datasheet HTML 14Page - Analog Devices ADG3233BRJ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADG3233
Rev. B | Page 11 of 16
5
3
1
7
8
6
4
2
22
32
52
62
42
CAPACITIVE LOAD (pF)
72
82
92
102
0
VCC1 = 3.3V
VCC2 = 3.3V
TA = 25°C
DATA RATE = 10Mbps
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
Figure 25. Propagation Delay vs. Capacitive Load A1
→ Y2, Bypass Mode
5
3
1
7
8
6
4
2
1.5
2.0
2.5
3.0
3.5
SUPPLY (V)
4.0
0
VCC1 = VCC2
TA = 25°C
tPLH, A1 → Y1
tPHL, A2 → Y2
tPHL, A1 → Y1
tPLH, A2 → Y2
Figure 26. Propagation Delay vs. Supply, Normal Mode
8
6
4
2
1.5
2.0
2.5
3.0
3.5
SUPPLY (V)
4.0
0
VCC1 = VCC2
TA = 25°C
tPHL, A1 → Y2
tPLH, A1 → Y2
Figure 27. Propagation Delay vs. Supply, Bypass Mode
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
VCC1 = VCC2 = 3.3V
tPLH, A1 → Y1
tPHL, A2 → Y2
2.5
1.5
0.5
3.5
4.0
3.0
2.0
1.0
0
tPLH, A2 → Y2
tPHL, A1 → Y1
Figure 28. Propagation Delay vs. Temperature, Normal Mode
–40
–20
0
TEMPERATURE (°C)
20
40
60
80
VCC1 = VCC2 = 3.3V
4
3
2
1
0
tPHL, A1 → Y2
tPLH, A1 → Y2
Figure 29. Propagation Delay vs. Temperature, Bypass Mode
CH1 1.00V
CH2 500mV
CH3 1.00VΩ CH4 1.00VΩ
M5.00ns
CH1
1.48V
3
2
4
1
EN = HIGH
TA = 25°C
DATA RATE = 10MHz
A1
Y1
3.3V
3.3V
1.8V
A2
Y2
Figure 30. Normal Mode VCC1 = 3.3 V, VCC2 = 1.8 V


Número de pieza similar - ADG3233BRJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3233BRJ-REEL AD-ADG3233BRJ-REEL Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233BRJ-REEL7 AD-ADG3233BRJ-REEL7 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233BRJZ-REEL7 AD-ADG3233BRJZ-REEL7 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
More results

Descripción similar - ADG3233BRJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
logo
Analog Devices
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com