Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB260 Datasheet(PDF) 1 Page - Formosa MS

No. de pieza SB260
Descripción Electrónicos  Axial Leaded Schottky Barrier Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

SB260 Datasheet(HTML) 1 Page - Formosa MS

  SB260 Datasheet HTML 1Page - Formosa MS SB260 Datasheet HTML 2Page - Formosa MS SB260 Datasheet HTML 3Page - Formosa MS SB260 Datasheet HTML 4Page - Formosa MS SB260 Datasheet HTML 5Page - Formosa MS SB260 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0
1
1
1
1
2
3
3
3
4
5
78
9































































































































































































































































































































































!"


#


























































$








































































































































































%&
'(
&
$

$
)*+
) !#




































,
!
"&$

$

!
&




























-
"
(


.
&(





























































"
!















































































0
/01209356
67889:;<=678899
>+
>
+
!>

#
!>

#


>,?11153@
1AABCA1C0A
1A0ACA3C01
D
5
"

&E
C
C
FFF
$

C
%G E
BB5?1?115H5550
)*E
BB5?1?115H5030
IJK
LMOPLQPQRSTUV
V
WXYLZZK
PZ[PSV
K
\
K
PZ
深圳FMS
Kinter
131
6803
0058


Número de pieza similar - SB260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rugao Dachang Electroni...
SB260 DACHANG-SB260 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
SAMYANG ELECTRONICS CO....
SB260 SAMYANG-SB260 Datasheet
474Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
SB260 DACHANG-SB260 Datasheet
118Kb / 2P
   PLASTIC SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SB260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
1S20 SUNMATE-1S20 Datasheet
344Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier
31DQ09 SUNMATE-31DQ09 Datasheet
111Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
31DQ03 SUNMATE-31DQ03 Datasheet
98Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifier
11DQ03 SUNMATE-11DQ03 Datasheet
149Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA83-004 SUNMATE-ERA83-004 Datasheet
341Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
MBR150 SUNMATE-MBR150 Datasheet
109Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA81-004 SUNMATE-ERA81-004 Datasheet
337Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
ERA84-009 SUNMATE-ERA84-009 Datasheet
401Kb / 2P
   1.0A Axial Leaded Schottky Barrier Rectifier Diodes
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
80SQ030 SUNMATE-80SQ030 Datasheet
1Mb / 3P
   8A Axial Leaded Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com