Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA1820-0000-000N00R40E3 Datasheet(PDF) 11 Page - Cree, Inc

No. de pieza CXA1820-0000-000N00R40E3
Descripción Electrónicos  LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1820-0000-000N00R40E3 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXA1820-0000-000N00R40E3 Datasheet HTML 7Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 8Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 9Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 10Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 11Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 12Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 13Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 14Page - Cree, Inc CXA1820-0000-000N00R40E3 Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
11
XLamp CXa1820 LED
cree ansi White bins Plotted on the 1931 cie color sPace (t
J = 85 °c)
3500K
4000K
4500K
5000K
5700K
3A
3B
3C
3D
5A
5B
5C
5D
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
CCx


Número de pieza similar - CXA1820-0000-000N00R40E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA1821 SONY-CXA1821 Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA1826Q SONY-CXA1826Q Datasheet
430Kb / 19P
   6-BIT 140 MSPS FLASH A/D CONVERTER
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
More results

Descripción similar - CXA1820-0000-000N00R40E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA1830 CREE-CXA1830 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1507 CREE-CXA1507_13 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00B450H CREE-CXA1304-0000-000C00B450H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P250H CREE-CXA1816-0000-000N00P250H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Cree, Inc
CGD15HB62LP CREE-CGD15HB62LP Datasheet
439Kb / 8P
   Optimized for Cree?셲 High Performance
logo
Xilinx, Inc
XC5000 XILINX-XC5000 Datasheet
432Kb / 48P
   High-density family of Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com