Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR12007XMKX Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMR12007XMKX
Descripción Electrónicos  LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMR12007XMKX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR12007XMKX Datasheet HTML 4Page - Texas Instruments LMR12007XMKX Datasheet HTML 5Page - Texas Instruments LMR12007XMKX Datasheet HTML 6Page - Texas Instruments LMR12007XMKX Datasheet HTML 7Page - Texas Instruments LMR12007XMKX Datasheet HTML 8Page - Texas Instruments LMR12007XMKX Datasheet HTML 9Page - Texas Instruments LMR12007XMKX Datasheet HTML 10Page - Texas Instruments LMR12007XMKX Datasheet HTML 11Page - Texas Instruments LMR12007XMKX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
BOOST
SW
GND
L
D1
D2
COUT
CBOOST
VOUT
CIN
VIN
VIN
VBOOST
0
0
VIN
VD
TON
t
t
Inductor
Current
D = TON/TSW
VSW
TOFF
TSW
IL
IPK
SW
Voltage
LMR12007
SNVS982 – SEPTEMBER 2013
www.ti.com
Figure 20. LMR12007 Waveforms of SW Pin Voltage and Inductor Current
BOOST FUNCTION
Capacitor CBOOST and diode D2 in Figure 21 are used to generate a voltage VBOOST. VBOOST - VSW is the gate
drive voltage to the internal NMOS control switch. To properly drive the internal NMOS switch during its on-time,
VBOOST needs to be at least 1.6V greater than VSW. Although the LMR12007 will operate with this minimum
voltage, it may not have sufficient gate drive to supply large values of output current. Therefore, it is
recommended that VBOOST be greater than 2.5V above VSW for best efficiency. VBOOST – VSW should not exceed
the maximum operating limit of 5.5V.
5.5V > VBOOST – VSW > 2.5V for best performance.
Figure 21. VOUT Charges CBOOST
When the LMR12007 starts up, internal circuitry from the BOOST pin supplies a maximum of 20mA to CBOOST.
This current charges CBOOST to a voltage sufficient to turn the switch on. The BOOST pin will continue to source
current to CBOOST until the voltage at the feedback pin is greater than 1.18V.
There are various methods to derive VBOOST:
1. From the input voltage (VIN)
2. From the output voltage (VOUT)
3. From an external distributed voltage rail (VEXT)
4. From a shunt or series zener diode
In the Simplifed Block Diagram of Figure 19, capacitor CBOOST and diode D2 supply the gate-drive current for the
NMOS switch. Capacitor CBOOST is charged via diode D2 by VIN. During a normal switching cycle, when the
internal NMOS control switch is off (TOFF) (refer to Figure 20), VBOOST equals VIN minus the forward voltage of D2
(VFD2), during which the current in the inductor (L) forward biases the Schottky diode D1 (VFD1). Therefore the
voltage stored across CBOOST is
VBOOST - VSW = VIN - VFD2 + VFD1
(1)
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMR12007


Número de pieza similar - LMR12007XMKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR12007XMKX TI1-LMR12007XMKX Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
More results

Descripción similar - LMR12007XMKX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR12007 TI1-LMR12007 Datasheet
1Mb / 30P
[Old version datasheet]   LMR12007 Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2736 TI1-LM2736_14 Datasheet
1Mb / 27P
[Old version datasheet]   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com