Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-M600 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-M600
Descripción Electrónicos  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M600 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-M600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
≥5
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking Path
L(IO2)
≥5
mm
Measured from input terminals
(Creepage)
to output terminals
Min. Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109
Electrical Specifications
Over recommended temperature (TA = -40°C to 85°C) unless otherwise specified. (See note 1.)
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input Threshold
ITH
2
5
mA
VCC = 5.5 V, IO ≥13 mA,
13
Current
VO = 0.6 V
High Level Output
IOH
5.5
100
μA
VCC = 5.5 V, VO = 5.5 V
1
Current
IF = 250 μA
Low Level Output
VOL
0.4
0.6
V
VCC = 5.5 V, IF = 5 mA,
2, 4,
Voltage
IOL (Sinking) = 13 mA
5, 13
High Level Supply
ICCH
4
7.5
mA
VCC = 5.5 V, IF = 0 mA,
Current
Low Level Supply
ICCL
6
10.5
mA
VCC = 5.5 V, IF = 10 mA,
Current
Input Forward
VF
1.4
1.75
V
TA = 25°C, IF=10 mA
3
Voltage
1.5
1.3
1.85
IF = 10 mA
Input Reverse
BVR
5
IR = 10 μA
Breakdown Voltage
Input Capacitance
CIN
60
pF
VF = 0V, f = 1 MHz
Input Diode
∆VF/∆TA
-1.6
mV/°C
IF = 10 mA
12
Temperature
Coefficient
Input-Output
VISO
3750
VRMS
RH ≤ 50%, t = 1 min.
3, 4
Insulation
Resistance
RI-O
1012
Ω
VI-O = 500 V
3
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
3
(Input-Output)
*All typicals at TA = 25°C, VCC = 5 V.


Número de pieza similar - HCPL-M600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-M600 HP-HCPL-M600 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Descripción similar - HCPL-M600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611-500E AVAGO-HCPL-M611-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com