Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HLMP-1521-E00 Datasheet(Hoja de datos) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de Pieza. HLMP-1521-E00
Descripción  T-1 (3 mm) High Intensity LED Lamps
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo 

   
 5 page
background image
5
T-1 Yellow Non-Diffused
Figure 10. Maximum tolerable peak current vs.
pulse duration. (IDCMAX as per MAX ratings).
Figure 11. Relative luminous intensity vs. angular displacement.
Figure 8. Relative luminous intensity vs.
forward current.
Figure 7. Forward current vs. forward voltage
characteristics.
Figure 9. Relative efficiency (luminous intensity
per unit current) vs. peak current.
VF – FORWARD VOLTAGE – V
1.0
1.5
2.0
3.0
2.5
3.5
4.0
60
50
40
30
20
10
0
IF – FORWARD CURRENT – mA
05
10
15
20
2.5
2.0
1.5
1.0
0.5
0
TA = 25°
IPEAK – PEAK CURRENT – mA
040
30
20
10
50
60
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
tp – PULSE DURATION – µs
1.0
10
100
1,000
10,000
6
5
4
3
2
1
20°
NON-DIFFUSED
40°
60°
80°
100°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.8
.6
.4
.2
1.0
VF – FORWARD VOLTAGE – V
1.0
1.5
2.0
3.0
2.5
3.5
4.0
60
50
40
30
20
10
0
IF – FORWARD CURRENT – mA
05
10
15
20
2.5
2.0
1.5
1.0
0.5
0
TA = 25°
IPEAK – PEAK CURRENT – mA
040
30
20
10
50
60
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
VF – FORWARD VOLTAGE – V
1.0
1.5
2.0
3.0
2.5
3.5
4.0
60
50
40
30
20
10
0
IF – FORWARD CURRENT – mA
05
10
15
20
2.5
2.0
1.5
1.0
0.5
0
TA = 25°
IPEAK – PEAK CURRENT – mA
040
30
20
10
50
60
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
tp – PULSE DURATION – µs
1.0
10
100
1,000
10,000
6
5
4
3
2
1
20°
NON-DIFFUSED
40°
60°
80°
100°
10°
20°
30°
40°
50°
60°
70°
80°
90°
.8
.6
.4
.2
1.0




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl