Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4-1470359-4 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza 4-1470359-4
Descripción Electrónicos  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1470359-4 Datasheet(HTML) 2 Page - Tyco Electronics

  4-1470359-4 Datasheet HTML 1Page - Tyco Electronics 4-1470359-4 Datasheet HTML 2Page - Tyco Electronics 4-1470359-4 Datasheet HTML 3Page - Tyco Electronics 4-1470359-4 Datasheet HTML 4Page - Tyco Electronics 4-1470359-4 Datasheet HTML 5Page - Tyco Electronics 4-1470359-4 Datasheet HTML 6Page - Tyco Electronics 4-1470359-4 Datasheet HTML 7Page - Tyco Electronics 4-1470359-4 Datasheet HTML 8Page - Tyco Electronics 4-1470359-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions
0.3 mm, FPC Connector,
Flip Lock Type
Part Number:
1746237
Material and Finish
Housing — Thermoplastic, UL 94V-O
Contacts — Phosphor bronze
Technical Documents
Product Specification — 108-5924
12.95
[.509]
14.40
[.566]
10.80
[.425]
0.60
[.039]
12.08
[.476]
0.60
[.023]
0.30
[.011]
12.08
[.476]
3.80
[.150]
3.50
[.130]
11.40
[.448]
135
°
10.80
[.425]
0.30
[.010]
0.60
[.020]
0.10
[.004]
0.10
[.004]
3.45
[.130]
0.67
[.026]
Recommended PCB Layout


Número de pieza similar - 4-1470359-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
4-1470359-4 MACOM-4-1470359-4 Datasheet
643Kb / 32P
   FPC Connector Family
4-1470359-4 MACOM-4-1470359-4 Datasheet
662Kb / 32P
   FPC Connector Family
More results

Descripción similar - 4-1470359-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com