Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3-1447221-3 Datasheet(PDF) 4 Page - Tyco Electronics |
|
3-1447221-3 Datasheet(HTML) 4 Page - Tyco Electronics |
4 / 41 page Product Specification 108-78140 Rev. A8 4 of 41 4. MATERIAL Per the drawings. 5. DIMENSION AND CONFIGURATION Per the drawings. 6. RATING Connector Allowable Current (Allowable maximum temperature in the vicinity of the contacting point is 150℃) Item Rating & Condition Current Refer to the table below Voltage 250V (AC,DC) Temperature -40~+125℃ Wire Conductor 0.5~1.25m㎡ Insulation Cover φ1.6~φ2.2 (A) Ambient Temperature Measurement Set-up (℃) 60 80 100 125 (Wire Size All positions active 7 6 5 3 0.85m㎡ min.) Only single position active 15 13 11 6 |
Número de pieza similar - 3-1447221-3 |
|
Descripción similar - 3-1447221-3 |