Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV832 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV832
Descripción Electrónicos  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMV832 Datasheet(HTML) 5 Page - Texas Instruments

  LMV832 Datasheet HTML 1Page - Texas Instruments LMV832 Datasheet HTML 2Page - Texas Instruments LMV832 Datasheet HTML 3Page - Texas Instruments LMV832 Datasheet HTML 4Page - Texas Instruments LMV832 Datasheet HTML 5Page - Texas Instruments LMV832 Datasheet HTML 6Page - Texas Instruments LMV832 Datasheet HTML 7Page - Texas Instruments LMV832 Datasheet HTML 8Page - Texas Instruments LMV832 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LMV831, LMV832, LMV834
www.ti.com
SNOSAZ6B – AUGUST 2008 – REVISED MARCH 2013
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are specified for at TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
AVOL
Large Signal Voltage Gain(7)
RL = 2 kΩ,
LMV831,
107
127
VOUT = 0.15V to 2.5V,
LMV832
106
VOUT = 4.85V to 2.5V
LMV834
104
127
104
dB
RL = 10 kΩ,
LMV831,
107
130
VOUT = 0.1V to 2.5V,
LMV832
107
VOUT = 4.9V to 2.5V
LMV834
105
127
104
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
LMV831,
32
42
LMV832
49
LMV834
35
45
52
RL = 10 kΩ to V
+/2
LMV831,
6
9
LMV832
10
mV from
either rail
LMV834
7
10
11
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
27
43
52
RL = 10 kΩ to V
+/2
6
10
12
IOUT
Output Short Circuit Current
Sourcing VOUT = VCM
LMV831,
59
66
VIN = 100 mV
LMV832
49
LMV834
57
63
45
mA
Sinking VOUT = VCM
LMV831,
50
64
VIN = −100 mV
LMV832
41
LMV834
53
63
41
IS
Supply Current
LMV831
0.25
0.27
0.31
LMV832
0.47
0.52
mA
0.60
LMV834
0.92
1.02
1.18
SR
Slew Rate(8)
AV = +1, VOUT = 2VPP,
2
V/
μs
10% to 90%
GBW
Gain Bandwidth Product
3.3
MHz
Φm
Phase Margin
65
deg
en
Input Referred Voltage Noise
f = 1 kHz
12
nV/
√Hz
f = 10 kHz
10
in
Input Referred Current Noise
f = 1 kHz
0.005
pA/
√Hz
ROUT
Closed Loop Output Impedance
f = 2 MHz
500
CIN
Common-mode Input Capacitance
14
pF
Differential-mode Input Capacitance
20
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, BW ≥ 500 kHz
0.02
%
(7)
The specified limits represent the lower of the measured values for each output range condition.
(8)
Number specified is the slower of positive and negative slew rates.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV831 LMV832 LMV834


Número de pieza similar - LMV832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV832 TI1-LMV832 Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LMV832MM NSC-LMV832MM Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV832MM NSC-LMV832MM Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV832MM TI1-LMV832MM Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
LMV832MM/NOPB TI1-LMV832MM/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
More results

Descripción similar - LMV832

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI1-LMV831_13 Datasheet
900Kb / 25P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
logo
National Semiconductor ...
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com