Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV321IDBVTG4 Datasheet(PDF) 2 Page - Texas Instruments |
|
LMV321IDBVTG4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 45 page LMV321 SINGLE, LMV358 DUAL LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN SLOS263U – AUGUST 1999 – REVISED JULY 2012 www.ti.com ORDERING INFORMATION(1) TOP-SIDE TA PACKAGE(2) ORDERABLE PART NUMBER MARKING(3) Reel of 3000 LMV321IDCKR –40°C to 85°C Single SC-70 – DCK R3_ Reel of 250 LMV321IDCKT Reel of 3000 LMV321IDBVR –40°C to 125°C Single SOT-23 – DBV RC1_ Reel of 250 LMV321IDBVT Reel of 2500 LMV358IDGKR R5_ MSOP/VSSOP – DGK Reel of 250 LMV358IDGKT PREVIEW Tube of 75 LMV358ID SOIC – D MV358I –40°C to 125°C Dual Reel of 2500 LMV358IDR Tube of 150 LMV358IPW TSSOP – PW MV358I Reel of 2000 LMV358IPWR VSSOP – DDU Reel of 3000 LMV358IDDUR RA5_ Tube of 50 LMV324ID –40°C to 125°C Quad SOIC – D LMV324I Reel of 2500 LMV324IDR Tube of 50 LMV324SID –40°C to 85°C Quad SOIC – D LMV324SI Reel of 2500 LMV324SIDR Reel of 2000 LMV324IPWR MV324I –40°C to 125°C Quad TSSOP – PW Reel of 2000 LMV324SIPWR MV324SI Reel of 2500 LMV358QDGKR MSOP/VSSOP – DGK RH_ Reel of 250 LMV358QDGKT Tube of 75 LMV358QD SOIC – D MV358Q Dual Reel of 2500 LMV358QDR Tube of 150 LMV358QPW TSSOP – PW MV358Q –40°C to 125°C Reel of 2000 LMV358QPWR VSSOP – DDU Reel of 3000 LMV358QDDUR RAH_ Tube of 50 LMV324QD SOIC – D LMV324Q Reel of 2500 LMV324QDR Quad Tube of 90 LMV324QPW TSSOP – PW MV324Q Reel of 2000 LMV324QPWR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DCK/DDU/DGK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. 2 Submit Documentation Feedback Copyright © 1999–2012, Texas Instruments Incorporated |
Número de pieza similar - LMV321IDBVTG4 |
|
Descripción similar - LMV321IDBVTG4 |