Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR62014XMFX Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LMR62014XMFX
Descripción Electrónicos  LMR62014 SIMPLE SWITCHER 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMR62014XMFX Datasheet(HTML) 5 Page - Texas Instruments

  LMR62014XMFX Datasheet HTML 1Page - Texas Instruments LMR62014XMFX Datasheet HTML 2Page - Texas Instruments LMR62014XMFX Datasheet HTML 3Page - Texas Instruments LMR62014XMFX Datasheet HTML 4Page - Texas Instruments LMR62014XMFX Datasheet HTML 5Page - Texas Instruments LMR62014XMFX Datasheet HTML 6Page - Texas Instruments LMR62014XMFX Datasheet HTML 7Page - Texas Instruments LMR62014XMFX Datasheet HTML 8Page - Texas Instruments LMR62014XMFX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
1.222
1.223
1.224
1.225
1.226
1.227
1.228
1.229
1.23
1.231
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
TEMPERATURE (
oC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100 125 150
92.1
92.2
92.3
92.4
92.5
92.6
92.7
92.8
92.9
93
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
340
345
350
355
360
365
370
375
380
-50
-25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
LMR62014
www.ti.com
SNVS735B – OCTOBER 2011 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: VIN = 5V, SHDN pin tied to VIN.
Iq Vin (Active) vs Temperature
Oscillator Frequency vs Temperature
Figure 2.
Figure 3.
Max. Duty Cycle vs Temperature
Iq Vin (Idle) vs Temperature
Figure 4.
Figure 5.
Feedback Bias Current vs Temperature
Feedback Voltage vs Temperature
Figure 6.
Figure 7.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMR62014


Número de pieza similar - LMR62014XMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR62014XMFX/NOPB TI1-LMR62014XMFX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
More results

Descripción similar - LMR62014XMFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMR62014 TI1-LMR62014_15 Datasheet
1Mb / 22P
[Old version datasheet]   LMR62014 SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
[Old version datasheet]   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR62014 NSC-LMR62014 Datasheet
396Kb / 14P
   SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR62421 TI-LMR62421_15 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR12010 TI-LMR12010_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER 20Vin, 1A Step-Down Voltage Regulator in SOT-23
LMR14203 TI-LMR14203_15 Datasheet
817Kb / 17P
[Old version datasheet]   SIMPLE SWITCHER 42Vin, 0.3A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI-LMR14206XMK Datasheet
817Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR14206XMK TI1-LMR14206XMK Datasheet
841Kb / 17P
[Old version datasheet]   LMR14206 SIMPLE SWITCHER 42Vin, 0.6A Step-Down Voltage Regulator in SOT-23
LMR64010 TI1-LMR64010_14 Datasheet
1Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
National Semiconductor ...
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
   SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com