Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMH6644MAX Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LMH6644MAX
Descripción Electrónicos  LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMH6644MAX Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6644MAX Datasheet HTML 4Page - Texas Instruments LMH6644MAX Datasheet HTML 5Page - Texas Instruments LMH6644MAX Datasheet HTML 6Page - Texas Instruments LMH6644MAX Datasheet HTML 7Page - Texas Instruments LMH6644MAX Datasheet HTML 8Page - Texas Instruments LMH6644MAX Datasheet HTML 9Page - Texas Instruments LMH6644MAX Datasheet HTML 10Page - Texas Instruments LMH6644MAX Datasheet HTML 11Page - Texas Instruments LMH6644MAX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
10k
100k
1M
10M
100M 500M
-4
-2
0
FREQUENCY (Hz)
VS = ±5V
RL = 2k
AV = +1
VOUT = 0.2VPP
-40°C
85°C
25°C
100k
1M
10M
200M
FREQUENCY (Hz)
6.5
6.0
AV = +2
RF = 2k
RL = 150
VO = 0.2VPP
±1.5V
5.5
7.0
5.0
±2.5V
±5V
AV = +1
AV = +5
AV = +10
AV = +2
10k
100k
1M
10M
100M 500M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±1.5V
RL = 2k
VOUT = 0.2VPP
10k
100k
1M
10M
100M 500M
-6
-4
-2
0
FREQUENCY (Hz)
-40°C
25°C
85°C
VS = ±1.5V
RL = 2k
AV = +1
VO = 0.2VPP
10k
100k
1M
10M
100M
500
M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±5V
RL = 2k
VOUT = 0.2VPP
AV = +5
AV = +1
AV = +2
AV = +10
100k
1M
10M
200M
FREQUENCY (Hz)
-2
-1
0
-3
VS = ±2.5V
VS = ±5V
VS = ±1.5V
VS = ±1.5V
VS = ±2.5V
VS = ±5V
AV = +1
RL = 2k
VOUT = 0.2VPP
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C, V
+ = +5, V= −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Frequency Response for Various Supplies
Closed Loop Gain vs. Frequency for Various Gain
Figure 7.
Figure 8.
Closed Loop Gain vs. Frequency for Various Gain
Closed Loop Frequency Response for Various Temperature
Figure 9.
Figure 10.
Closed Loop Gain
vs.
Frequency for Various Supplies
Closed Loop Frequency Response for Various Temperature
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644


Número de pieza similar - LMH6644MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX/NOPB TI1-LMH6644MAX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6644MAXEP NSC-LMH6644MAXEP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAXNOPB NSC-LMH6644MAXNOPB Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Descripción similar - LMH6644MAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com