Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM22670 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM22670
Descripción Electrónicos  LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM22670 Datasheet(HTML) 2 Page - Texas Instruments

  LM22670 Datasheet HTML 1Page - Texas Instruments LM22670 Datasheet HTML 2Page - Texas Instruments LM22670 Datasheet HTML 3Page - Texas Instruments LM22670 Datasheet HTML 4Page - Texas Instruments LM22670 Datasheet HTML 5Page - Texas Instruments LM22670 Datasheet HTML 6Page - Texas Instruments LM22670 Datasheet HTML 7Page - Texas Instruments LM22670 Datasheet HTML 8Page - Texas Instruments LM22670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Exposed Pad
Connect to GND
5 RT/SYNC
6 FB
3 BOOT
1 SW
2 VIN
4 GND
7 EN
Exposed Pad
Connect to GND
RT/SYNC
3
FB
4
BOOT
1
NC
2
8
SW
7
VIN
6
GND
5
EN
LM22670-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
RT/SYNC
LM22670
SNVS584O – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Simplified Application Schematic
Connection Diagram
Figure 1. 8-Lead SO PowerPAD-8 Package
See Package Number DDA0008B
Figure 2. 7-Lead PFM Package
See Package Number NDR0007A
PIN DESCRIPTIONS
Pin Numbers
SO
Pin Numbers
Name
Description
Application Information
PowerPAD-8
PFM Package
Package
1
3
BOOT
Bootstrap input
Provides the gate voltage for the high side NFET.
2
-
NC
Not Connected
Pin is not electrically connected inside the chip. Pin does
function as thermal conductor.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22670


Número de pieza similar - LM22670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22670 NSC-LM22670 Datasheet
525Kb / 20P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670 TI1-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670 TI-LM22670 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22670-Q1 TI-LM22670-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

Descripción similar - LM22670

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com