Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4951SD Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM4951SD
Descripción Electrónicos  LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM4951SD Datasheet(HTML) 4 Page - Texas Instruments

  LM4951SD Datasheet HTML 1Page - Texas Instruments LM4951SD Datasheet HTML 2Page - Texas Instruments LM4951SD Datasheet HTML 3Page - Texas Instruments LM4951SD Datasheet HTML 4Page - Texas Instruments LM4951SD Datasheet HTML 5Page - Texas Instruments LM4951SD Datasheet HTML 6Page - Texas Instruments LM4951SD Datasheet HTML 7Page - Texas Instruments LM4951SD Datasheet HTML 8Page - Texas Instruments LM4951SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM4951
SNAS244N – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 7.5V
(1) (2)
The following specifications apply for VDD = 7.5V, AV-BTL = 6dB, RL = 8Ω unless otherwise specified. Limits apply for TA =
25°C.
Symbol
Parameter
Conditions
LM4951
Units
(Limits)
Typical(3)
Limit(4)(5)
IDD
Quiescent Power Supply Current
VIN = 0V, IO = 0A,RL = 8Ω
2.5
4.5
mA (max)
ISD
Shutdown Current
VSHUTDOWN = GND
(6)
0.01
5
µA (max)
VOS
Offset Voltage
5
30
mV (max)
VSDIH
Shutdown Voltage Input High
1.2
V (min)
VSDIL
Shutdown Voltage Input Low
0.4
V (max)
Rpulldown
Pulldown Resistor on S/D
75
45
k
Ω (min)
TWU
Wake-up Time
CB = 1.0µF
25
35
ms
Tsd
Shutdown time
CB = 1.0µF
10
ms (max)
150
°C (min)
TSD
Thermal Shutdown Temperature
170
190
°C (max)
THD = 1% (max); f = 1kHz
PO
Output Power
1.8
1.5
W (min)
RL = 8Ω Mono BTL
PO = 600mWrms; f = 1kHz
THD+N
Total Harmomic Distortion + Noise
0.07
0.5
% (max)
AV-BTL = 6dB
PO = 600mWrms; f = 1kHz
THD+N
Total Harmomic Distortion + Noise
0.35
%
AV-BTL = 26dB
A-Weighted Filter, Ri = Rf = 20kΩ
εOS
Output Noise
10
µV
Input Referred, Note 10
VRIPPLE = 200mVp-p, f = 217Hz,
PSRR
Power Supply Rejection Ratio
66
56
dB (min)
CB = 1.0μF, Input Referred
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. The Shutdown pin should be driven as close as possible to GND for
minimum shutdown current.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4951


Número de pieza similar - LM4951SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4951SD/NOPB TI1-LM4951SD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951SDX/NOPB TI1-LM4951SDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
More results

Descripción similar - LM4951SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
   Wide supply voltage operating range: 1.8 to 15 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
   Wide supply voltage operating range: 1.8 V to 15 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com