Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM5041SD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM5041SD
Descripción Electrónicos  LM5041 Cascaded PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM5041SD Datasheet(HTML) 5 Page - Texas Instruments

  LM5041SD Datasheet HTML 1Page - Texas Instruments LM5041SD Datasheet HTML 2Page - Texas Instruments LM5041SD Datasheet HTML 3Page - Texas Instruments LM5041SD Datasheet HTML 4Page - Texas Instruments LM5041SD Datasheet HTML 5Page - Texas Instruments LM5041SD Datasheet HTML 6Page - Texas Instruments LM5041SD Datasheet HTML 7Page - Texas Instruments LM5041SD Datasheet HTML 8Page - Texas Instruments LM5041SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM5041
www.ti.com
SNVS248D – AUGUST 2003 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
VIN to GND
100V
VCC to GND
16V
All Other Inputs to GND
-0.3 to 7V
Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
ESD Rating
2 kV
Lead temperature(3)
Wave
4 seconds
260°C
Infrared
10 seconds
240°C
Vapor Phase
75 seconds
219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For verified specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic TSSOP and WSON packages, refer to the Packaging Data Book available from Texas
Instruments.
Operating Ratings
(1)
VIN
15 to 90V
Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For verified specifications and test conditions, see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 26.7kΩ, RSET = 20kΩ) unless otherwise stated.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
VCC Reg
VCC Regulation
open circuit
8.7
9
9.3
V
VCC Current Limit
See(2)
15
25
mA
I-VIN
Startup Regulator
VIN = 100V
145
500
µA
Leakage (external Vcc
Supply)
Shutdown Current (Iin)
UVLO = 0V, VCC = open
350
450
µA
VCC Supply
VCC Under-voltage
VCC Reg -
VCC Reg - 275mV
V
Lockout Voltage (positive
400mV
going Vcc)
VCC Under-voltage
1.7
2.1
2.6
V
Hysteresis
Supply Current (ICC)
CL = 0
3
4
mA
Error Amplifier
GBW
Gain Bandwidth
3
MHz
DC Gain
80
dB
Input Voltage
VFB = COMP
0.735
0.75
0.765
V
COMP Sink Capability
VFB = 1.5V, COMP= 1V
4
8
mA
(1)
All limits are specified. All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are verified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Device thermal limitations may limit usable range.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5041


Número de pieza similar - LM5041SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5041SD NSC-LM5041SD Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041SD TI1-LM5041SD Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
LM5041SD/NOPB TI1-LM5041SD/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041SDX NSC-LM5041SDX Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041SDX/NOPB TI1-LM5041SDX/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
More results

Descripción similar - LM5041SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041B TI-LM5041B_15 Datasheet
989Kb / 20P
[Old version datasheet]   Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com