Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
X-2064867-X Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
X-2064867-X Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 100 page 11 Catalog 1307895 Dimensions are shown for Dimensions are in millimeters Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and inches unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Fiber Optic Products Catalog 1 10 GB/S General Specifications Symbol Parameter Min. Typical Max. Unit Notes Data Rate/Channel 2.5 — 10.0 Gb/s 1 Tc Operating Case Temperature 0— 70 °C 2 Vcc Supply Voltage 3.13 3.3 3.47 V Total Power Dissipation — 1.5 1.7 W3 Fiber Core Diameter — 50 — µm 1. Test pattern PRBS 2E7-1 2. Per End 3. Central office environment per GR-468-CORE 10 GB/S Transmitter Electrical Specifications Symbol Parameter Min. Typical Max. Unit Notes Input Common Mode 0— Vcc V1 V_diff_IN Differential data swing 500 — 1600 mVpp Rin Differential Input Impedance 80 100 120 Ω 1. Internally AC coupled. 10 GB/S Receiver Electrical Specifications Symbol Parameter Min. Typical Max. Unit Notes Output Common Mode ——— V 1 V_diff_OUT Differential data swing 200 300 1200 mVpp Rout Differential Output Impedance — 100 — Ω TJ Total Jitter (p-p) —— .42 UI 2 ∆T ch-ch Skew —— 200 ps 1. Internally AC Coupled. 2. Total jitter is specified at a BER of 10^-12 using PRBS 2^7-1. Mechanical Symbol Parameter Value Unit Notes Off Axis Load 22.2 N Retention Load 89 N Durability 250 cycles Regulatory Information Symbol Parameter Compliance Preliminary Eye Safety Classification1 1M Electrostatic Discharge (ESD), JESD22-A114D, Class 1 (1000 volts), human body human body model Optical energy contained within cable. CAUTION: Do not cut optical cable. Viewing the cut fiber ends, especially with certain optical instruments (for exam- ple, eye loupes, magnifiers, and microscopes) may pose an eye hazard. This product is classified as a Class 1M Laser product in accordance with IEC 60825-1:1993+A1+A2 and complies with 21CFR 1040.10 and 1040.11 except for deviations pursuant to laser notice N0. 50, dated 24-Jun-2007. Note: The TUV Bauartmark does not apply to LSZH assemblies INVISIBLE LASER RADIATION DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS “(MAGNIFIERS)” CLASS 1M LASER PRODUCT 840-850nm, 700uW PARALIGHT Active Optical Cable Assemblies (Continued) |
Número de pieza similar - X-2064867-X |
|
Descripción similar - X-2064867-X |