Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2904N Datasheet(PDF) 3 Page - Texas Instruments |
|
LM2904N Datasheet(HTML) 3 Page - Texas Instruments |
3 / 33 page LM158-N, LM258-N, LM2904-N, LM358-N www.ti.com SNOSBT3H – JANUARY 2000 – REVISED MARCH 2013 ABSOLUTE MAXIMUM RATINGS (1) (2) LM158/LM258/LM358 LM2904 LM158A/LM258A/LM3 58A Supply Voltage, V+ 32V 26V Differential Input Voltage 32V 26V Input Voltage −0.3V to +32V −0.3V to +26V Power Dissipation(3) PDIP (P) 830 mW 830 mW TO-99 (LMC) 550 mW SOIC (D) 530 mW 530 mW DSBGA (YPB) 435mW Output Short-Circuit to GND (One V+ ≤ 15V and TA = 25°C Continuous Continuous Amplifier)(4) Input Current (VIN < −0.3V) (5) 50 mA 50 mA Operating Temperature Range LM358 0°C to +70°C −40°C to +85°C LM258 −25°C to +85°C LM158 −55°C to +125°C Storage Temperature Range −65°C to +150°C −65°C to +150°C Lead Temperature, PDIP (P) (Soldering, 10 seconds) 260°C 260°C Lead Temperature, TO-99 (LMC) (Soldering, 10 seconds) 300°C 300°C Soldering Information PDIP Package (P) Soldering (10 seconds) 260°C 260°C SOIC Package (D) Vapor Phase (60 seconds) 215°C 215°C Infrared (15 seconds) 220°C 220°C ESD Tolerance(6) 250V 250V (1) Refer to RETS158AX for LM158A military specifications and to RETS158X for LM158 military specifications. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) For operating at high temperatures, the LM358/LM358A, LM2904 must be derated based on a +125°C maximum junction temperature and a thermal resistance of 120°C/W for PDIP, 182°C/W for TO-99, 189°C/W for SOIC package, and 230°C/W for DSBGA, which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM258/LM258A and LM158/LM158A can be derated based on a +150°C maximum junction temperature. The dissipation is the total of both amplifiers—use external resistors, where possible, to allow the amplifier to saturate or to reduce the power which is dissipated in the integrated circuit. (4) Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. (5) This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the op amps to go to the V+voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than −0.3V (at 25°C). (6) Human body model, 1.5 k Ω in series with 100 pF. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM158-N LM258-N LM2904-N LM358-N |
Número de pieza similar - LM2904N |
|
Descripción similar - LM2904N |