Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM118H Datasheet(PDF) 3 Page - Texas Instruments |
|
|
LM118H Datasheet(HTML) 3 Page - Texas Instruments |
3 / 25 page LM118-N, LM218-N, LM318-N www.ti.com SNOSBS8C – MARCH 1998 – REVISED MARCH 2013 Electrical Characteristics (1) (continued) Parameter Conditions LM118-N/LM218-N LM318-N Units Min Typ Max Min Typ Max Input Bias Current 500 750 nA Supply Current TA = 125°C 4.5 7 mA Large Signal Voltage Gain VS = ±15V, VOUT = ±10V 25 20 V/mV RL ≥ 2 kΩ Output Voltage Swing VS = ±15V, RL = 2 kΩ ±12 ±13 ±12 ±13 V Input Voltage Range VS = ±15V ±11.5 ±11. V 5 Common-Mode Rejection Ratio 80 100 70 100 dB Supply Voltage Rejection Ratio 70 80 65 80 dB Copyright © 1998–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM118-N LM218-N LM318-N |
Número de pieza similar - LM118H |
|
Descripción similar - LM118H |