Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SGH13N60UFD Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza SGH13N60UFD
Descripción Electrónicos  FEATURES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SGH13N60UFD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  SGH13N60UFD Datasheet HTML 1Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 2Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 3Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 4Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 5Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 6Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 7Page - Fairchild Semiconductor SGH13N60UFD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fig.5 Maximum Effective Transient Thermal Impedance, Junction to Case
Fig.6 Typical Capacitance vs.
Collector to Emitter Voltage
Fig.7 Typical Gate Charge vs.
Gate to Emitter Voltage
110
0
100
200
300
400
500
600
Cres
Coes
Cies
Vce [V]
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
Vcc = 300V
Ic = 6.5A
Qg [nC]
0.00001
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
0.5
0.2
0.1
0.05
0.02
0.01
s ingle puls e
Rectangular Pulse Duration [sec]
Pdm
t1
t2
Duty factor D = t1 / t2
Peak Tj = Pdm x Zthjc + Tc
SGH13N60UFD
N-CHANNEL IGBT


Número de pieza similar - SGH13N60UFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
SGH10N120RUF FAIRCHILD-SGH10N120RUF Datasheet
456Kb / 7P
   Short Circuit Rated IGBT
SGH10N120RUFD FAIRCHILD-SGH10N120RUFD Datasheet
511Kb / 8P
   Short Circuit Rated IGBT
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
   Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
   Short Circuit Rated IGBT
SGH15N120RUF FAIRCHILD-SGH15N120RUF Datasheet
495Kb / 7P
   Short Circuit Rated IGBT
More results

Descripción similar - SGH13N60UFD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
   Features
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
   TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
   Description Features
logo
GOOD-ARK Electronics
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com